công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC100EPT20D bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
MC100EPT20D bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
5 / 10 page MC10EPT20, MC100EPT20 http://onsemi.com 5 Table 6. 100EPT PECL OUTPUT DC CHARACTERISTICS VCC = 3.3 V, GND = 0 V (Note 4) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max ICC Negative Power Supply Current 20 25 30 22 27 32 23 28 33 mA VOH Output HIGH Voltage (Note 5) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mV VOL Output LOW Voltage (Note 5) 1355 1480 1605 1355 1480 1605 1355 1480 1605 mV NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. Output parameters vary 1:1 with VCC. 5. All loading with 50 W to VCC − 2.0 V. Table 7. AC CHARACTERISTICS VCC = 3.0 V to 3.6 V, GND = 0 V (Note 6) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max fmax Maximum Input Clock Frequency > 1 > 1 > 1 GHz tPLH, tPHL Propagation Delay to Output Differential 280 350 430 300 370 450 320 400 490 ps tSKEW Device−to−Device Skew (Note 7) 150 150 170 ps tJITTER RMS Random Clock Jitter 1 2 1 2 1 2 ps tr tf Output Rise/Fall Times Q, Q (20% − 80%) 70 100 170 80 120 180 90 140 190 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. Measured using a LVTTL source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. 7. Skew is measured between outputs under identical transitions. |
Số phần tương tự - MC100EPT20D |
|
Mô tả tương tự - MC100EPT20D |