công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EP32D bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC100EP32D
Giải thích chi tiết về linh kiện  3.3V / 5V ECL 첨2 Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP32D bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button MC100EP32D Datasheet HTML 2Page - ON Semiconductor MC100EP32D Datasheet HTML 3Page - ON Semiconductor MC100EP32D Datasheet HTML 4Page - ON Semiconductor MC100EP32D Datasheet HTML 5Page - ON Semiconductor MC100EP32D Datasheet HTML 6Page - ON Semiconductor MC100EP32D Datasheet HTML 7Page - ON Semiconductor MC100EP32D Datasheet HTML 8Page - ON Semiconductor MC100EP32D Datasheet HTML 9Page - ON Semiconductor MC100EP32D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10EP32, MC100EP32
http://onsemi.com
6
Table 10. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 17)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
23
30
37
26
34
40
28
36
42
mA
VOH
Output HIGH Voltage (Note 18)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 18)
−1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625 −1945
−1625 −1945
−1625
mV
VBB
Output Voltage Reference
−1525 −1425 −1325 −1525 −1425 −1325 −1525 −1425 −1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 19)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
17.Input and output parameters vary 1:1 with VCC.
18.All loading with 50 W to VCC − 2.0 V.
19.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOPP
Output Voltage Amplitude
(See Figure 3)
fin < 3.5 GHz
fin @ 4.0 GHz
640
700
740
630
700
710
500
700
600
mV
tPLH,
tPHL
Propagation Delay to
Output Differential
CLK to Q, Q
10 Series
RESET to Q, Q
100 Series
RESET to Q, Q
250
220
320
330
290
400
420
390
480
270
250
320
350
300
400
450
390
480
320
320
375
400
380
450
480
460
525
ps
tRR
Set/Reset Recovery
200
175
200
175
200
175
ps
tPW
Minimum Pulse width
RESET
550
475
550
475
550
475
ps
tJITTER
CLOCK Random Jitter (RMS)
fin < 3.5 GHz
fin @ v4.0 GHz
0.5
0.5
1.5
0.5
0.5
1.5
0.5
0.5
1.5
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
50
100
150
70
120
170
70
130
200
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
20.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.


Số phần tương tự - MC100EP32D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EP32D ONSEMI-MC100EP32D Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC100EP32D ONSEMI-MC100EP32D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP32DG ONSEMI-MC100EP32DG Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
MC100EP32DR2 ONSEMI-MC100EP32DR2 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC100EP32DR2G ONSEMI-MC100EP32DR2G Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
More results

Mô tả tương tự - MC100EP32D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com