công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EP32DR2G bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC10EP32DR2G
Giải thích chi tiết về linh kiện  3.3V / 5V ECL 첨2 Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP32DR2G bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC10EP32DR2G Datasheet HTML 1Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 2Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 3Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 4Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 5Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 6Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 7Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 8Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC10EP32, MC100EP32
http://onsemi.com
3
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
−6
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
SOIC−8
SOIC−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SOIC−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
DFN8
DFN8
129
84
°C/W
°C/W
Tsol
Wave Solder
Pb
Pb−Free
<2 to 3 sec @ 248°C
<2 to 3 sec @ 260°C
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 5. 10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 2)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
23
30
40
23
30
40
23
30
40
mA
VOH
Output HIGH Voltage (Note 3)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage (Note 3)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage (Single−Ended)
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage (Single−Ended)
1365
1690
1430
1755
1490
1815
mV
VBB
Output Voltage Reference
1790
1890
1990
1855
1955
2055
1915
2015
2115
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 4)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
3. All loading with 50 W to VCC − 2.0 V.
4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Số phần tương tự - MC10EP32DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP32DR2G ONSEMI-MC10EP32DR2G Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
More results

Mô tả tương tự - MC10EP32DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com