công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10EP05DG bảng dữ liệu(PDF) 6 Page - ON Semiconductor |
|
MC10EP05DG bảng dữ liệu(HTML) 6 Page - ON Semiconductor |
6 / 11 page MC10EP05, MC100EP05 http://onsemi.com 6 Table 10. 100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 17) −40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 15 25 32 17 27 36 19 28 38 mA VOH Output HIGH Voltage (Note 18) −1145 −1020 −895 −1145 −1020 −895 −1145 −1020 −895 mV VOL Output LOW Voltage (Note 18) −1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695 mV VIH Input HIGH Voltage (Single−Ended) −1225 −880 −1225 −880 −1225 −880 mV VIL Input LOW Voltage (Single−Ended) −1945 −1625 −1945 −1625 −1945 −1625 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 19) VEE+2.0 0.0 VEE+2.0 0.0 VEE+2.0 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 17. Input and output parameters vary 1:1 with VCC. 18. All loading with 50 W to VCC − 2.0 V. 19. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20) −40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit fmax Maximum Frequency (Figure 2) > 3 > 3 > 3 GHz tPLH, tPHL Propagation Delay to Output Differential 160 210 260 170 220 270 210 260 320 ps tJITTER Random Clock Jitter (Figure 2) 0.2 < 1 0.2 < 1 0.2 1.5 ps VPP Input Voltage Swing (Differential Con- figuration) 150 800 1200 150 800 1200 150 800 1200 mV tr tf Output Rise/Fall Times Q (20% − 80%) 70 120 170 80 130 180 100 150 200 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 20. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. |
Số phần tương tự - MC10EP05DG |
|
Mô tả tương tự - MC10EP05DG |