công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJE5850 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MJE5850
Giải thích chi tiết về linh kiện  8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5850 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MJE5850_06 Datasheet HTML 1Page - ON Semiconductor MJE5850_06 Datasheet HTML 2Page - ON Semiconductor MJE5850_06 Datasheet HTML 3Page - ON Semiconductor MJE5850_06 Datasheet HTML 4Page - ON Semiconductor MJE5850_06 Datasheet HTML 5Page - ON Semiconductor MJE5850_06 Datasheet HTML 6Page - ON Semiconductor MJE5850_06 Datasheet HTML 7Page - ON Semiconductor MJE5850_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 4
1
Publication Order Number:
MJE5850/D
MJE5850, MJE5851,
MJE5852
MJE5851 and MJE5852 are Preferred Devices
SWITCHMODEt Series
PNP Silicon Power
Transistors
The MJE5850, MJE5851 and the MJE5852 transistors are designed
for high−voltage, high−speed, power switching in inductive circuits
where fall time is critical. They are particularly suited for line operated
SWITCHMODE applications.
Features
Switching Regulators
Inverters
Solenoid and Relay Drivers
Motor Controls
Deflection Circuits
Fast Turn−Off Times
100 ns Inductive Fall Time @ 25
_C (Typ)
125 ns Inductive Crossover Time @ 25
°C (Typ)
Operating Temperature Range −65 to +150_C
100_C Performance Specified for:
Reversed Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
8 AMPERE
PCP SILICON
POWER TRANSISTORS
300−350−400 VOLTS
80 WATTS
TO−220AB
CASE 221A−09
STYLE 1
1
http://onsemi.com
MARKING
DIAGRAM
2
3
MJE585x
= Device Code
x = 0, 1, or 2
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MJE585xG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Số phần tương tự - MJE5850_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJE5850G ONSEMI-MJE5850G Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
MJE5850 ONSEMI-MJE5850_15 Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
More results

Mô tả tương tự - MJE5850_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com