công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJE5850 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MJE5850
Giải thích chi tiết về linh kiện  8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5850 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  MJE5850_06 Datasheet HTML 1Page - ON Semiconductor MJE5850_06 Datasheet HTML 2Page - ON Semiconductor MJE5850_06 Datasheet HTML 3Page - ON Semiconductor MJE5850_06 Datasheet HTML 4Page - ON Semiconductor MJE5850_06 Datasheet HTML 5Page - ON Semiconductor MJE5850_06 Datasheet HTML 6Page - ON Semiconductor MJE5850_06 Datasheet HTML 7Page - ON Semiconductor MJE5850_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MJE5850, MJE5851, MJE5852
http://onsemi.com
7
The Safe Operating Area figures shown in Figures 12 and 13 are
specified for these devices under the test conditions shown.
7.0
0
1.0
100
300
500
3.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
5 ms
100 ms
dc
20
7.0
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0.05
10
400
5.0
2.0
10
1.0
0.2
0.1
BONDING WIRE LIMIT
THERMAL LIMIT
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
20
40
70 100
Figure 12. Maximum Forward Bias
Safe Operating Area
TC =
25°C
Figure 13. RBSOA, Maximum Reverse Bias
Safe Operating Area
0.5
0.02
300
200
400
500
IC/IB = 4
VBE(off) = 2 V to 8 V
TJ = 100°C
MJE5850
MJE5851
MJE5852
8.0
2.0
4.0
6.0
MJE5850
MJE5851
MJE5852
200
1 ms
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of
a transistor average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 12 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% but must be
derated when TC ≥ 25_C. Second breakdown limitations do
not derate the same as thermal limitations. Allowable
current at the voltages shown on Figure 12 may be found at
any case temperature by using the appropriate curve on
Figure 15.
TJ(pk) may be calculated from the data in Figure 11. At
high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn−off, in most cases,
with the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping, RC
snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage−current condition allowable
during reverse biased turn−off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 13 gives the RBSOA
characteristics.
Figure 14. Peak Reverse Base Current
Figure 15. Forward Bias Power Derating
IC = 4 A
IB1 = 1 A
TJ = 25°C
TC, CASE TEMPERATURE (°C)
0
40
120
160
0.6
SECOND BREAKDOWN
DERATING
1
0.8
0.4
0.2
60
100
140
80
THERMAL
DERATING
20
0
1.0
26
8
2.5
3.5
3.0
2.0
1.5
4
VBE(off), BASE−EMITTER VOLTAGE (VOLTS)


Số phần tương tự - MJE5850_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJE5850G ONSEMI-MJE5850G Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
MJE5850 ONSEMI-MJE5850_15 Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
More results

Mô tả tương tự - MJE5850_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com