công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MJ11032 bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
MJ11032 bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
3 / 4 page MJ11028, MJ11030, MJ11032 (NPN) http://onsemi.com 3 ORDERING INFORMATION Device Package Shipping MJ11028 TO−204 100 Units / Tray MJ11028G TO−204 (Pb−Free) MJ11029 TO−204 MJ11029G TO−204 (Pb−Free) MJ11030 TO−204 MJ11030G TO−204 (Pb−Free) MJ11032 TO−204 MJ11032G TO−204 (Pb−Free) MJ11033 TO−204 MJ11033G TO−204 (Pb−Free) 100 0.2 Figure 2. DC Safe Operating Area VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS) 0.1 0.5 1 2 5 10 20 50 200 20 10 5 50 2 1 0.5 0.2 BONDING WIRE LIMITED THERMALLY LIMITED @ TC = 25°C SECOND BREAKDOWN LIMITED MJ11028, 29 MJ11032, 33 100 There are two limitations on the power−handling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC − VCE limits of the transistor that must be observed for reliable operation, i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 2 is based on TJ(pk) = 200_C; TC is variable depending on conditions. At high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown. IC, COLLECTOR CURRENT (AMP) 100 k IC, COLLECTOR CURRENT (AMP) 50 k 20 k 10 k 5 k 2 k 500 Figure 3. DC Current Gain 12 510 100 20 50 Figure 4. “On” Voltage 100 VCE = 5 V TJ = 25°C 1 k 200 MJ11029, MJ11033 PNP MJ11028, MJ11030, MJ11032 NPN 5 4 3 2 1 1 2 5 10 100 20 50 0 3 TJ = 25°C IC/IB = 100 VBE(sat) 80 ms (PULSED) MJ11029, MJ11033 PNP MJ11028, MJ11030, MJ11032 NPN 80 ms (PULSED) VCE(sat) |
Số phần tương tự - MJ11032 |
|
Mô tả tương tự - MJ11032 |