công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR12DSM bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MCR12DSM
Giải thích chi tiết về linh kiện  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR12DSM bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MCR12DSM Datasheet HTML 1Page - ON Semiconductor MCR12DSM Datasheet HTML 2Page - ON Semiconductor MCR12DSM Datasheet HTML 3Page - ON Semiconductor MCR12DSM Datasheet HTML 4Page - ON Semiconductor MCR12DSM Datasheet HTML 5Page - ON Semiconductor MCR12DSM Datasheet HTML 6Page - ON Semiconductor MCR12DSM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 4
1
Publication Order Number:
MCR12DSM/D
MCR12DSM, MCR12DSN
Preferred Device
Sensitive Gate Silicon
Controlled Rectifiers
Reverse Blocking Thyristors
Designed for high volume, low cost, industrial and consumer
applications such as motor control; process control; temperature, light
and speed control.
Features
Small Size
Passivated Die for Reliability and Uniformity
Low Level Triggering and Holding Characteristics
Epoxy Meets UL 94 V−0 @ 0.125 in
ESD Ratings:
Human Body Model, 3B
u 8000 V
Machine Model, C
u 400 V
Pb−Free Packages are Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 110°C, Sine Wave, 50 to 60 Hz,
Gate Open)
MCR12DSM
MCR12DSN
VDRM,
VRRM
600
800
V
On−State RMS Current
(180
° Conduction Angles; TC = 75°C)
IT(RMS)
12
A
Average On−State Current
(180
° Conduction Angles; TC = 75°C)
IT(AV)
7.6
A
Peak Non-Repetitive Surge Current
(1/2 Cycle, Sine Wave 60 Hz, TJ = 110°C)
ITSM
100
A
Circuit Fusing Consideration (t = 8.3 msec)
I2t
41
A2sec
Forward Peak Gate Power
(Pulse Width
≤ 1.0 msec, TC = 75°C)
PGM
5.0
W
Forward Average Gate Power
(t = 8.3 msec, TC = 75°C)
PG(AV)
0.5
W
Forward Peak Gate Current
(Pulse Width
≤ 1.0 msec, TC = 75°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
−40 to 110
°C
Storage Temperature Range
Tstg
−40 to 150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the device are exceeded.
SCRs
12 AMPERES RMS
600 − 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
K
G
A
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
DPAK−3
CASE 369D
STYLE 4
DPAK
CASE 369C
STYLE 4
MARKING
DIAGRAMS
Y
= Year
WW
= Work Week
R12DSx
= Device Code
x= M or N
G
= Pb−Free Package
1 2
3
4
YWW
R1
2DSxG
1
2
3
4
YWW
R1
2DSxG


Số phần tương tự - MCR12DSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCR12DSM MOTOROLA-MCR12DSM Datasheet
128Kb / 6P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSM ONSEMI-MCR12DSM Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Kersemi Electronic Co.,...
MCR12DSM KERSEMI-MCR12DSM Datasheet
436Kb / 7P
   Silicon Controlled Rectifiers
MCR12DSMT4 KERSEMI-MCR12DSMT4 Datasheet
436Kb / 7P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSMT4G ONSEMI-MCR12DSMT4G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
More results

Mô tả tương tự - MCR12DSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com