công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR12DSM bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MCR12DSM
Giải thích chi tiết về linh kiện  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR12DSM bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MCR12DSM Datasheet HTML 1Page - ON Semiconductor MCR12DSM Datasheet HTML 2Page - ON Semiconductor MCR12DSM Datasheet HTML 3Page - ON Semiconductor MCR12DSM Datasheet HTML 4Page - ON Semiconductor MCR12DSM Datasheet HTML 5Page - ON Semiconductor MCR12DSM Datasheet HTML 6Page - ON Semiconductor MCR12DSM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MCR12DSM, MCR12DSN
http://onsemi.com
5
Figure 9. Holding Current versus
Gate−Cathode Resistance
1000
10 K
100
RGK, GATE−CATHODE RESISTANCE (OHMS)
10
6.0
4.0
2.0
0
TJ = 25°C
Figure 10. Exponential Static dv/dt versus
Gate−Cathode Resistance and Junction
Temperature
100
RGK, GATE−CATHODE RESISTANCE (OHMS)
1000
10
1.0
TJ = 110°C
1000
IGT = 10 mA
Figure 11. Exponential Static dv/dt versus
Gate−Cathode Resistance and Peak Voltage
Figure 12. Exponential Static dv/dt versus
Gate−Cathode Resistance and Gate Trigger
Current Sensitivity
8.0
IGT = 25 mA
100
90
°C
70
°C
100
RGK, GATE−CATHODE RESISTANCE (OHMS)
1000
10
1.0
TJ = 110°C
1000
100
VPK = 800 V
600 V
400 V
100
RGK, GATE−CATHODE RESISTANCE (OHMS)
1000
10
1.0
VD = 800 V
TJ = 110°C
1000
100
IGT = 10 mA
IGT = 25 mA
ORDERING INFORMATION
Device
Package Type
Package
Shipping
MCR12DSMT4
DPAK
369C
2500 / Tape & Reel
MCR12DSMT4G
DPAK
(Pb−Free)
369C
2500 / Tape & Reel
MCR12DSN−001
DPAK−3
369D
75 Units / Rail
MCR12DSN−001G
DPAK−3
(Pb−Free)
369D
75 Units / Rail
MCR12DSNT4
DPAK
369C
2500 / Tape & Reel
MCR12DSNT4G
DPAK
(Pb−Free)
369C
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Số phần tương tự - MCR12DSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCR12DSM MOTOROLA-MCR12DSM Datasheet
128Kb / 6P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSM ONSEMI-MCR12DSM Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Kersemi Electronic Co.,...
MCR12DSM KERSEMI-MCR12DSM Datasheet
436Kb / 7P
   Silicon Controlled Rectifiers
MCR12DSMT4 KERSEMI-MCR12DSMT4 Datasheet
436Kb / 7P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSMT4G ONSEMI-MCR12DSMT4G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
More results

Mô tả tương tự - MCR12DSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com