công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E1651L bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10E1651L
Giải thích chi tiết về linh kiện  5V, ??V Dual ECL Output Comparator with Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1651L bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10E1651L Datasheet HTML 1Page - ON Semiconductor MC10E1651L Datasheet HTML 2Page - ON Semiconductor MC10E1651L Datasheet HTML 3Page - ON Semiconductor MC10E1651L Datasheet HTML 4Page - ON Semiconductor MC10E1651L Datasheet HTML 5Page - ON Semiconductor MC10E1651L Datasheet HTML 6Page - ON Semiconductor MC10E1651L Datasheet HTML 7Page - ON Semiconductor MC10E1651L Datasheet HTML 8Page - ON Semiconductor MC10E1651L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 8
1
Publication Order Number:
MC10E1651/D
MC10E1651
5V, −5V Dual ECL Output
Comparator with Latch
The MC10E1651 is fabricated using ON Semiconductor’s
advanced MOSAIC III™ process. The MC10E1651 incorporates a
fixed level of input hysteresis as well as output compatibility with 10
KH logic devices. In addition, a latch is available allowing a sample
and hold function to be performed. The device is available in both a
16-pin DIP and a 20-pin surface mount package.
The latch enable (LENa and LENb) input pins operate from standard
ECL 10 KH logic levels. When the latch enable is at a logic high level,
the MC10E1651 acts as a comparator; hence, Q will be at a logic high
level if V1 > V2 (V1 is more positive than V2). Q is the complement
of Q. When the latch enable input goes to a low logic level, the outputs
are latched in their present state providing the latch enable setup and
hold time constraints are met.
Features
Typical 3.0 dB Bandwidth > 1.0 GHz
Typical V to Q Propagation Delay of 775 ps
Typical Output Rise/Fall of 350 ps
Common Mode Range −2.0 V to +3.0 V
Individual Latch Enables
Differential Outputs
28 mV Input Hysteresis
Operating Mode: VCC = 5.0 V, VEE = −5.2 V, GND = 0 V
No Internal Input Pulldown Resistors
ESD Protection: > 2 kV Human Body Model,
> 100 V Machine Model
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 85 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAMS
1
16
CDIP−16
L SUFFIX
CASE 620A
MC10E1651L
AWLYYWW
PLCC−20
FN SUFFIX
CASE 775
http://onsemi.com
20 1
MC10E
1651FNG
AWLYYWW
120
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Số phần tương tự - MC10E1651L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1651 ONSEMI-MC10E1651 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651FNR2G ONSEMI-MC10E1651FNR2G Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
More results

Mô tả tương tự - MC10E1651L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
logo
ON Semiconductor
MC10E175 ONSEMI-MC10E175_06 Datasheet
81Kb / 8P
   5V ECL 9-Bit Latch With Parity
December, 2006 ??Rev. 9
MC10E166 ONSEMI-MC10E166_06 Datasheet
123Kb / 7P
   5V ECL 9-Bit Magnitude Comparator
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com