công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10E431FN bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
MC10E431FN bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
4 / 9 page MC10E431, MC100E431 http://onsemi.com 4 Table 4. 10E SERIES PECL DC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V (Note 1) Symbol 0°C 25°C 85°C Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 110 132 110 132 110 132 mA VOH Output HIGH Voltage (Note 2) 3980 4070 4160 4020 4105 4190 4090 4185 4280 mV VOL Output LOW Voltage (Note 2) 3050 3210 3370 3050 3210 3370 3050 3227 3405 mV VIH Input HIGH Voltage (Single−Ended) 3830 3995 4160 3870 4030 4190 3940 4110 4280 mV VIL Input LOW Voltage (Single−Ended) 3050 3285 3520 3050 3285 3520 3050 3302 3555 mV VBB Output Voltage Reference 3.62 3.74 3.65 3.75 3.69 3.81 V VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 3) 2.7 5.0 2.7 5.0 2.7 5.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.3 0.5 0.25 0.3 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V. 2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. 3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. Table 5. 10E SERIES NECL DC CHARACTERISTICS VCCx= 0.0 V; VEE= −5.0 V (Note 4) 0°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 110 132 110 132 110 132 mA VOH Output HIGH Voltage (Note 5) −1020 −930 −840 −980 −895 −810 −910 −815 −720 mV VOL Output LOW Voltage (Note 5) −1950 −1790 −1630 −1950 −1790 −1630 −1950 −1773 −1595 mV VIH Input HIGH Voltage (Single−Ended) −1170 −1005 −840 −1130 −970 −810 −1060 −890 −720 mV VIL Input LOW Voltage (Single−Ended) −1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445 mV VBB Output Voltage Reference −1.38 −1.27 −1.35 −1.25 −1.31 −1.19 V VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 6) −2.3 0.0 −2.3 0.0 −2.3 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.3 0.5 0.065 0.3 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V. 5. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. 6. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. |
Số phần tương tự - MC10E431FN |
|
Mô tả tương tự - MC10E431FN |