công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10E212FNR2 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC10E212FNR2
Giải thích chi tiết về linh kiện  5V ECL 3-Bit Scannable Registered Address Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E212FNR2 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC10E212FNR2 Datasheet HTML 1Page - ON Semiconductor MC10E212FNR2 Datasheet HTML 2Page - ON Semiconductor MC10E212FNR2 Datasheet HTML 3Page - ON Semiconductor MC10E212FNR2 Datasheet HTML 4Page - ON Semiconductor MC10E212FNR2 Datasheet HTML 5Page - ON Semiconductor MC10E212FNR2 Datasheet HTML 6Page - ON Semiconductor MC10E212FNR2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10E212, MC100E212
http://onsemi.com
4
100E SERIES PECL DC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V (Note 1)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
80
96
80
96
92
110
mA
VOH
Output HIGH Voltage (Note 2)
3975
4050
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 2)
3190
3295
3380
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage
3835
4050
4120
3835
4120
4120
3835
4120
4120
mV
VIL
Input LOW Voltage
3190
3300
3525
3190
3525
3525
3190
3525
3525
mV
IIH
Input HIGH Current
150
150
150
μA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
μA
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.4 6V / −0.8 V.
2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts.
100E SERIES NECL DC CHARACTERISTICS VCCx= 0.0 V; VEE= −5.0 V (Note 1)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
80
96
80
96
92
110
mA
VOH
Output HIGH Voltage (Note 2)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 2)
−1810 −1705 −1620 −1810 −1745 −1620 −1810 −1740 −1620
mV
VIH
Input HIGH Voltage
−1165
−950
−880
−1165
−880
−880
−1165
−880
−880
mV
VIL
Input LOW Voltage
−1810 −1700 −1475 −1810 −1475 −1475 −1810 −1475 −1475
mV
IIH
Input HIGH Current
150
150
150
μA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
μA
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.46 V / −0.8 V.
2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts.
AC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V or VCCx= 0.0 V; VEE= −5.0 V (Note 1)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
TBD
TBD
TBD
GHz
tPLH
Propagation Delay to Output
ps
tPHL
CLK
575
800
1025
575
800
1025
575
800
1025
MR
575
800
1025
575
800
1025
575
800
1025
CLK to S-OUT
575
800
1025
575
800
1025
575
800
1025
ts
Setup Time
ps
D
175
25
175
25
175
25
SHIFT
150
− 50
150
− 50
150
− 50
LOAD
225
50
225
50
225
50
S-IN
150
− 50
150
− 50
150
− 50
th
Hold Time
ps
D
250
25
250
25
250
25
SHIFT
300
100
300
100
300
100
LOAD
225
0
225
0
225
0
S-IN
300
100
300
100
300
100
tRR
Reset Recovery
600
350
600
350
600
350
ps
tSKEW
Within-Device Skew (Note 1.)
100
100
100
ps
tSKEW
Within-Gate Skew (Note 2.)
50
50
50
ps
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
tr
Rise/Fall Times
ps
tf
(20 - 80%)
275
425
650
275
425
650
275
425
650
1. 10 Series: VEE can vary +0.46 V / −0.06 V.
100 Series: VEE can vary +0.46 V / −0.8 V.
1. Within-device skew is defined as identical transitions on similar paths through a device.


Số phần tương tự - MC10E212FNR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
   3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
More results

Mô tả tương tự - MC10E212FNR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
   3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
   5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E337 ONSEMI-MC10E337 Datasheet
116Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337 Datasheet
64Kb / 4P
   3-BIT SCANNABLE
SY10E212 MICREL-SY10E212 Datasheet
61Kb / 4P
   3-BIT SCANNABLE REGISTER
SY10E212 MICREL-SY10E212_06 Datasheet
63Kb / 4P
   3-BIT SCANNABLE REGISTER
logo
Pericom Semiconductor C...
PI74AVC16345 PERICOM-PI74AVC16345 Datasheet
474Kb / 10P
   2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Multiplexer
November, 2006 ??Rev. 7
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com