công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10ELT22 bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
MC10ELT22 bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC10ELT22, MC100ELT22 http://onsemi.com 4 Table 6. TTL INPUT DC CHARACTERISTICS VCC = 4.75 V to 5.25 V; TA = −40°C to 85°C Symbol Characteristic Condition Min Typ Max Unit IIH Input HIGH Current VIN = 2.7 V; VIN = (VCC − 0.025) V 20 mA IIHH Input HIGH Current VIN = 7.0 V 100 mA IIL Input LOW Current VIN = 0.5 V; VIN = (GND + 0.025) V −0.6 mA VIK Input Clamp Diode Voltage IIN = −18 mA −1.2 V VIH Input HIGH Voltage 2.0 VCC − 0.025 V V VIL Input LOW Voltage GND + 0.025 V 0.8 V NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. Table 7. AC CHARACTERISTICS VCC= 4.75 V to 5.25 V; GND= 0.0 V Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max fMAX Maximum Input Frequency 500 MHz tPLH Propagation Delay (Note 6) 1.5 V to 50% 0.6 1.2 0.9 1.2 1.5 0.6 1.35 ns tPHL Propagation Delay (Note 6) 1.5 V to 50% 0.4 1.0 0.5 0.8 1.1 0.7 1.30 ns tskew Within−Device Skew (Note 7) Device−to−Device Skew (Note 8) 50 300 100 600 50 300 100 600 50 350 100 750 ps tJITTER CLOCK Random Jitter (RMS) 0.5 ps tr/tf Output Rise/Fall Time (20−80%) 0.4 1.6 0.4 1.6 0.4 1.6 ns NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. Specifications for standard TTL input signal. 7. Skew is measured between outputs under identical transitions and conditions on any one device. 8. Device−to−Device Skew for identical transitions at identical VCC levels. |
Số phần tương tự - MC10ELT22 |
|
Mô tả tương tự - MC10ELT22 |