công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC100E150FNR2 bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
MC100E150FNR2 bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC10E150, MC100E150 http://onsemi.com 4 Table 4. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = −5.0 V (Note 3) Symbol Characteristic 0 °C 25 °C 85 °C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 52 62 52 62 52 62 mA VOH Output HIGH Voltage (Note 4) −1020 −930 −840 −980 −895 −810 −910 −815 −720 mV VOL Output LOW Voltage (Note 4) −1950 −1790 −1630 −1950 −1790 −1630 −1950 −1773 −1595 mV VIH Input HIGH Voltage −1170 −1005 −840 −1130 −970 −810 −1060 −890 −720 mV VIL Input LOW Voltage −1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445 mV IIH Input HIGH Current D LEN, MR 200 150 200 150 200 150 mA mA IIL Input LOW Current 0.5 0.3 0.5 0.065 0.3 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V. 4. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. Table 5. 100E SERIES PECL DC CHARACTERISTICS VCC = 5.0 V, VEE = 0.0 V (Note 5) 0 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 52 62 52 62 60 72 mA VOH Output HIGH Voltage (Note 6) 3975 4050 4120 3975 4050 4120 3975 4050 4120 mV VOL Output LOW Voltage (Note 6) 3190 3295 3380 3190 3255 3380 3190 3260 3380 mV VIH Input HIGH Voltage 3835 3975 4120 3835 3975 4120 3835 3975 4120 mV VIL Input LOW Voltage 3190 3355 3525 3190 3355 3525 3190 3355 3525 mV IIH Input HIGH Current D LEN, MR 200 150 200 150 200 150 mA mA IIL Input LOW Current 0.5 0.3 0.5 0.25 0.5 0.2 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V. 6. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. |
Số phần tương tự - MC100E150FNR2 |
|
Mô tả tương tự - MC100E150FNR2 |