công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34161DMR2G bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC34161DMR2G
Giải thích chi tiết về linh kiện  Universal Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34161DMR2G bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC34161DMR2G Datasheet HTML 5Page - ON Semiconductor MC34161DMR2G Datasheet HTML 6Page - ON Semiconductor MC34161DMR2G Datasheet HTML 7Page - ON Semiconductor MC34161DMR2G Datasheet HTML 8Page - ON Semiconductor MC34161DMR2G Datasheet HTML 9Page - ON Semiconductor MC34161DMR2G Datasheet HTML 10Page - ON Semiconductor MC34161DMR2G Datasheet HTML 11Page - ON Semiconductor MC34161DMR2G Datasheet HTML 12Page - ON Semiconductor MC34161DMR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MC34161, MC33161, NCV33161
http://onsemi.com
9
The above figure shows the MC34161 configured as a dual negative overvoltage detector. As the input voltage increases from ground, the LED will turn ‘ON’ when
−VS1 or −VS2 exceeds V2. With the dashed line output connection, the circuit becomes a dual negative undervoltage detector. As the input voltage decreases from
the peak towards ground, the LED will turn ‘ON’ when −VS1 or −VS2 falls below V1.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 18. Dual Negative Overvoltage Detector
V
1 +
R
1
R
2
(V
th * Vref) ) Vth
V
2 +
R
1
R
2
(V
th * VH * Vref) ) Vth * VH
R
1
R
2
+
V
1 * Vth
V
th * Vref
R
1
R
2
+
V
2 * Vth ) VH
V
th * VH * Vref
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
2.54V
Reference
+
+
+
4
1
7
2
3
5
6
R1
−VS1
R1
−VS2
R2
R2
8
VCC
Input −VS
Output
Voltage
Pins 5, 6
GND
V1
V2
VCC
LED ‘ON’
VHys
GND
The above figure shows the MC34161 configured as a dual negative undervoltage detector. As the input voltage decreases towards ground, the LED will turn ‘ON’
when −VS1 or −VS2 falls below V1. With the dashed line output connection, the circuit becomes a dual negative overvoltage detector. As the input voltage increases
from ground, the LED will turn ‘ON’ when −VS1 or −VS2 exceeds V2.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 19. Dual Negative Undervoltage Detector
V
1 +
R
1
R
2
(V
th * Vref) ) Vth
V
2 +
R
1
R
2
(V
th * VH * Vref) ) Vth * VH
R
1
R
2
+
V
1 * Vth
V
th * Vref
R
1
R
2
+
V
2 * Vth ) VH
V
th * VH * Vref
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
8
+
+
+
4
1
7
2
3
5
6
R1
−VS1
R1
−VS2
2.54V
Reference
R2
R2
VCC
VHys
Input −VS
Output
Voltage
Pins 5, 6
GND
V1
V2
VCC
LED ‘ON’
GND


Số phần tương tự - MC34161DMR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161DMR2G ONSEMI-MC34161DMR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161DMR2G ONSEMI-MC34161DMR2G Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
More results

Mô tả tương tự - MC34161DMR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
   Universal Voltage Monitors
April, 2000 ??Rev. 2
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com