công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EL31 bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC10EL31
Giải thích chi tiết về linh kiện  5 V ECL D Flip-Flop With Set and Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL31 bảng dữ liệu(HTML) 9 Page - ON Semiconductor

  MC10EL31 Datasheet HTML 1Page - ON Semiconductor MC10EL31 Datasheet HTML 2Page - ON Semiconductor MC10EL31 Datasheet HTML 3Page - ON Semiconductor MC10EL31 Datasheet HTML 4Page - ON Semiconductor MC10EL31 Datasheet HTML 5Page - ON Semiconductor MC10EL31 Datasheet HTML 6Page - ON Semiconductor MC10EL31 Datasheet HTML 7Page - ON Semiconductor MC10EL31 Datasheet HTML 8Page - ON Semiconductor MC10EL31 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MC10EL31, MC100EL31
http://onsemi.com
9
PACKAGE DIMENSIONS
DFN8
CASE 506AA−01
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2 X
REFERENCE
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
(A3)
D2
E2
C
C
0.10
C
0.10
C
0.08
8 X
A1
SEATING
PLANE
e/2
e
8 X
K
NOTE 3
b
8 X
0.10 C
0.05 C
A BB
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
2.00 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.70
0.90
e
0.50 BSC
K
0.20
−−−
L
0.25
0.35
1
4
8
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC10EL31/D
ECLinPS is a trademark of Semiconductor Components INdustries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Số phần tương tự - MC10EL31

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
MC10EL31 ONSEMI-MC10EL31 Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
MC10EL31D ONSEMI-MC10EL31D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL31DG ONSEMI-MC10EL31DG Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
MC10EL31DR2G ONSEMI-MC10EL31DR2G Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
More results

Mô tả tương tự - MC10EL31

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_16 Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC100LVEL31 ONSEMI-MC100LVEL31_16 Datasheet
152Kb / 6P
   3.3 V ECL D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com