công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100E104FNR2G bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC100E104FNR2G
Giải thích chi tiết về linh kiện  5V ECL Quint 2-Input AND/NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E104FNR2G bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC100E104FNR2G Datasheet HTML 1Page - ON Semiconductor MC100E104FNR2G Datasheet HTML 2Page - ON Semiconductor MC100E104FNR2G Datasheet HTML 3Page - ON Semiconductor MC100E104FNR2G Datasheet HTML 4Page - ON Semiconductor MC100E104FNR2G Datasheet HTML 5Page - ON Semiconductor MC100E104FNR2G Datasheet HTML 6Page - ON Semiconductor MC100E104FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10E104, MC100E104
http://onsemi.com
4
Table 6. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 5)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
38
46
38
46
44
53
mA
VOH
Output HIGH Voltage (Note 6)
3975
4050
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 6)
3190
3295
3380
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage
3190
3355
3525
3190
3525
3355
3190
3355
3525
mV
IIH
Input HIGH Current
200
200
200
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
6. Outputs are terminated through a 50
W resistor to VCC − 2.0 V.
Table 7. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0 V; VEE = −5.0 V (Note 7)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
38
46
38
46
44
53
mA
VOH
Output HIGH Voltage (Note 8)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 8)
−1810
−1705
−1620
−1810
−1745
−1620
−1810
−1740
−1620
mV
VIH
Input HIGH Voltage
−1165
−1025
−880
−1165
−1025
−880
−1165
−1025
−880
mV
VIL
Input LOW Voltage
−1810
−1645
−1475
−1810
−1645
−1475
−1810
−1645
−1475
mV
IIH
Input HIGH Current
200
200
200
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
8. Outputs are terminated through a 50
W resistor to VCC − 2.0 V.
Table 8. AC CHARACTERISTICS VCCx= 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
700
700
700
MHz
tPLH
tPHL
Propagation Delay to Output
D to Q
D to F
225
500
385
725
600
1000
225
500
385
725
600
1000
225
500
385
725
600
1000
ps
tSKEW
Within-Device Skew (Note 10)
D to Q
75
75
75
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
tf
Rise/Fall Time
(20 - 80%)
Q
F
100
300
425
475
700
700
100
300
425
475
700
700
100
300
425
475
700
700
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
10. Within-device skew is defined as identical transitions on similar paths through a device.


Số phần tương tự - MC100E104FNR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100E104FNR2G ONSEMI-MC100E104FNR2G Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results

Mô tả tương tự - MC100E104FNR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
   QUINT 2-INPUT AND/NAND GATE
logo
ON Semiconductor
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
   QUINT AND/NAND GATE
SY100S304 MICREL-SY100S304 Datasheet
98Kb / 5P
   QUINT AND/NAND GATE
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com