công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT162823ADL bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
SN74ABT162823ADL bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 10 page SN54ABT162823A, SN74ABT162823A 18BIT BUSINTERFACE FLIPFLOPS WITH 3STATE OUTPUTS SCBS666B − JULY 1996 − REVISED JUNE 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) To Eight Other Channels 1D1 1Q1 1CLKEN 1OE 1CLR 2 1 55 54 R 1D C1 3 CE 56 1CLK To Eight Other Channels 2D1 2Q1 2CLKEN 2OE 2CLR 27 28 30 42 R 1D C1 15 CE 29 2CLK absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high or power-off state, VO −0.5 V to 5.5 V . . . . . . . . . . . . . . . . . . . Current into any output in the low state, IO 30 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DGG package 64 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DL package 56 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. |
Số phần tương tự - SN74ABT162823ADL |
|
Mô tả tương tự - SN74ABT162823ADL |