công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC368 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện BC368
Giải thích chi tiết về linh kiện  Voltage and Current are Negative
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC368 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  BC368 Datasheet HTML 1Page - ON Semiconductor BC368 Datasheet HTML 2Page - ON Semiconductor BC368 Datasheet HTML 3Page - ON Semiconductor BC368 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 5
1
Publication Order Number:
BC368/D
BC368 (NPN), BC369 (PNP)
Amplifier Transistors
Voltage and Current are Negative for
PNP Transistors
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
20
Vdc
Collector − Emitter Voltage
VCES
25
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
1.0
Adc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance,
Junction−to−Case
RqJC
83.3
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
COLLECTOR
2
3
BASE
1
EMITTER
COLLECTOR
2
3
BASE
1
EMITTER
NPN
PNP
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BC368
TO−92
TO−92
CASE 29
STYLE 14
5000 Units/Box
3
2
1
BC368ZL1
TO−92
2000/Ammo Box
BC369
TO−92
5000 Units/Box
BC369ZL1
TO−92
2000/Ammo Box
http://onsemi.com
MARKING DIAGRAMS
BC368ZL1G
TO−92
(Pb−Free)
2000/Ammo Box
BC369ZL1G
TO−92
(Pb−Free)
2000/Ammo Box
BC36x = Device Code
x = 8 or 9
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
BC368G
TO−92
(Pb−Free)
5000 Units/Box
BC369G
TO−92
(Pb−Free)
5000 Units/Box
BC36
x
AYWW
G
G
BC
36x
AYWW
G
G


Số phần tương tự - BC368

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
logo
Foshan Blue Rocket Elec...
BC368 FOSHAN-BC368 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Jiangsu Changjiang Elec...
BC368 JIANGSU-BC368 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC368 PHILIPS-BC368 Datasheet
43Kb / 8P
   NPN medium power transistor
1999 Apr 26
More results

Mô tả tương tự - BC368

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05_06 Datasheet
81Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 2
MPS8098 ONSEMI-MPS8098_06 Datasheet
82Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 5
BCX17LT1 ONSEMI-BCX17LT1 Datasheet
64Kb / 4P
   General Purpose Transistors (Voltage and Current are Negative for PNP Transistors)
December, 2004 ??Rev. 3
2SA1020 ONSEMI-2SA1020 Datasheet
52Kb / 4P
   One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS
May, 2006 ??Rev. 3
logo
Cystech Electonics Corp...
LM79L05M3 CYSTEKEC-LM79L05M3 Datasheet
489Kb / 8P
   Low Current Negative Voltage Regulator
LM79L12M3 CYSTEKEC-LM79L12M3 Datasheet
489Kb / 8P
   Low Current Negative Voltage Regulator
LM79LXXM3 CYSTEKEC-LM79LXXM3 Datasheet
490Kb / 8P
   Low Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_09 Datasheet
120Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulat
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com