công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCXH16373DTRG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện 74VCXH16373DTRG
Giải thích chi tiết về linh kiện  Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16373DTRG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  74VCXH16373DTRG Datasheet HTML 1Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 2Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 3Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 4Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 5Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 6Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 7Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 8Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74VCXH16373
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2)
1.65 V ≤ VCC < 2.3 V
0.65 x VCC
V
2.3 V ≤ VCC ≤ 2.7 V
1.6
2.7 V < VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 2)
1.65 V ≤ VCC < 2.3 V
0.35 x VCC
V
2.3 V ≤ VCC ≤ 2.7 V
0.7
2.7 V < VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
1.65 V ≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 1.65 V; IOH = −6 mA
1.25
VCC = 2.3 V; IOH = −6 mA
2.0
VCC = 2.3 V; IOH = −12 mA
1.8
VCC = 2.3 V; IOH = −18 mA
1.7
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
LOW Level Output Voltage
1.65 V ≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 1.65 V; IOL = 6 mA
0.3
VCC = 2.3 V; IOL = 12 mA
0.4
VCC = 2.3 V; IOL = 18 mA
0.6
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 18 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
1.65 V ≤ VCC ≤ 3.6 V; 0V ≤ VI ≤ 3.6 V
±5.0
mA
II(HOLD)
Minimum Bushold Input Current
VCC = 3.0 V, VIN = 0.8 V
75
mA
VCC = 3.0 V, VIN = 2.0 V
−75
VCC = 2.3 V, VIN = 0.7 V
45
VCC = 2.3 V, VIN = 1.6 V
−45
VCC = 1.65 V, VIN = 0.57 V
25
VCC = 1.65 V, VIN = 1.07 V
−25
II (OD)
Minimum Bushold Over−Drive
Current Needed to Change State
VCC = 3.6 V, (Note 3)
450
mA
VCC = 3.6 V, (Note 4)
−450
VCC = 2.7 V, (Note 3)
300
VCC = 2.7 V, (Note 4)
−300
VCC = 1.95 V, (Note 3)
200
VCC = 1.95 V, (Note 4)
−200
IOZ
3−State Output Current
1.65 V ≤ VCC ≤ 3.6 V; 0 V ≤ VO ≤ 3.6 V;
VI = VIH or VIL
±10
mA
IOFF
Power−Off Leakage Current
VCC = 0 V; VI or VO = 3.6 V
10
mA
ICC
Quiescent Supply Current (Note 5)
1.65 V ≤ VCC ≤ 3.6 V; VI = GND or VCC
20
mA
1.65 V ≤ VCC ≤ 3.6 V; 3.6 V ≤ VI, VO ≤ 3.6 V
±20
mA
DICC
Increase in ICC per Input
2.7 V < VCC ≤ 3.6 V; VIH = VCC − 0.6 V
750
mA
2. These values of VI are used to test DC electrical characteristics only.
3. An external driver must source at least the specified current to switch from LOW−to−HIGH.
4. An external driver must source at least the specified current to switch from HIGH−to−LOW.
5. Outputs disabled or 3−state only.


Số phần tương tự - 74VCXH16373DTRG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
Fairchild Semiconductor
74VCXH16373G FAIRCHILD-74VCXH16373G Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373MTD FAIRCHILD-74VCXH16373MTD Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
More results

Mô tả tương tự - 74VCXH16373DTRG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16374 ONSEMI-74ALVC16374 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com