công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

J112 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện J112
Giải thích chi tiết về linh kiện  JFET Chopper Transistors N?묬hannel - Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J112 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  J112 Datasheet HTML 1Page - ON Semiconductor J112 Datasheet HTML 2Page - ON Semiconductor J112 Datasheet HTML 3Page - ON Semiconductor J112 Datasheet HTML 4Page - ON Semiconductor J112 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
J111, J112
http://onsemi.com
4
NOTE 2
The Zero−Gate−Voltage Drain Current (IDSS), is the
principle determinant of other J-FET characteristics.
Figure 10 shows the relationship of Gate−Source Off
Voltage (VGS(off) and Drain−Source On Resistance
(rds(on)) to IDSS. Most of the devices will be within
±10%
of the values shown in Figure 10. This data will be useful
in predicting the characteristic variations for a given part
number.
For example:
Unknown
rds(on) and VGS range for an J112
The electrical characteristics table indicates that an J112
has an IDSS range of 25 to 75 mA. Figure 10, shows
rds(on) = 52
W for IDSS = 25 mA and 30 W for
IDSS = 75 mA. The corresponding VGS values are 2.2 V
and 4.8 V.
2.0
3.0
5.0
7.0
10
20
0.5 0.7
1.0
2.0
3.0
5.0 7.0 10
20
30
50
ID, DRAIN CURRENT (mA)
Figure 6. Typical Forward Transfer Admittance
1.0
1.5
2.0
3.0
5.0
7.0
10
15
0.03 0.05
0.1
0.3 0.5
1.0
3.0 5.0
10
30
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Capacitance
200
160
120
80
40
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VGS, GATE−SOURCE VOLTAGE (VOLTS)
Figure 8. Effect of Gate−Source Voltage
On Drain−Source Resistance
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
−70
−40
−10
20
50
80
110
140
170
Tchannel, CHANNEL TEMPERATURE (°C)
Figure 9. Effect of Temperature On
Drain−Source On−State Resistance
J113
J112
J111
Tchannel = 25°C
VDS = 15 V
Cgs
Cgd
Tchannel = 25°C
(Cds IS NEGLIGIBLE)
IDSS
= 10
mA
25
mA
50mA
75mA 100mA
125mA
Tchannel = 25°C
ID = 1.0 mA
VGS = 0
10
IDSS, ZERO−GATE−VOLTAGE DRAIN CURRENT (mA)
Figure 10. Effect of IDSS On Drain−Source
Resistance and Gate−Source Voltage
20 30
40 50 60
70 80 90 100 110 120 130 140 150
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
100
90
80
70
60
50
40
30
20
10
0
Tchannel = 25°C
rDS(on) @ VGS = 0
VGS(off)


Số phần tương tự - J112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
ON Semiconductor
J112 ONSEMI-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor
1997
logo
Vishay Siliconix
J112 VISHAY-J112 Datasheet
58Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
logo
NXP Semiconductors
J112 PHILIPS-J112 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
More results

Mô tả tương tự - J112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
2N5638 ONSEMI-2N5638_06 Datasheet
51Kb / 3P
   JFET Chopper Transistors N-Channel - Depletion
March, 2006 ??Rev. 4
J111 ONSEMI-J111_12 Datasheet
90Kb / 5P
   JFET Chopper Transistors N.Channel . Depletion
March, 2006 ??Rev. 2
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
   JFET Chopper Transistor (N-Channel- Depletion)
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N5460 ONSEMI-2N5460_06 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
MMBFJ175LT1 ONSEMI-MMBFJ175LT1_06 Datasheet
42Kb / 2P
   JFET Chopper P-Channel - Depletion
February, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com