công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN324CMLX bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện FIN324CMLX
Giải thích chi tiết về linh kiện  24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324CMLX bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  FIN324CMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.0.5
3
Pin Definitions
Pin
I/O
Type
#
Pins
Description of Signals
Chip-Level Control Signals
M/S
IN
1
LV-CMOS Master/Slave Control Input:
M/S=1 MASTER, M/S =0 SLAVE
/RES
IN
1
LV_CMOS RESET signal and power-down signal
/RES=0: Resets and powers down all circuitry
/RES=1: Device enabled
/STBY(SLEW)
IN
1
LV-CMOS standby signal or output slew rate signal:
M/S=1: /STBY
M/S=0: RSLEW
/STBY=0: Device powered down
RSLEW=1: Fast edge rate
RSLEW=0: Slow edge rate
PAR/SPI
IN
1
LV-CMOS parallel / SPI display interface
Tells the SerDes it is interfacing with a sub-display with a SPI interface
PAR/SPI=1: Parallel Interface
PAR/SPI=0: SPI Interface using STRB0(WCLK0)
CKSEL(H)
IN
1
LV-CMOS Input: Master clock source select input.
When M/S=1: CKSEL (passed in serial stream)
CKSEL=1: STRB1(WCLK1) Active
CKSEL=0: STRB0(WCLK0) Active
When M/S=0: This pin must be tied to VDDP.
Parallel Interface Signals Master Functionality (Slave Functionality)
DP[17:0]
DP[6]({SCLK})
DP[7]({SDAT})
I/O
18
LV-CMOS data I/O. I/O direction controlled by M/S pin and R/W
internal state.
DP[6] SPI mode SCLK signal pin when PAR/SPI=0 (Slave Only)
DP[7] SPI mode SDAT signal pin when PAR/SPI=0(Slave Only)
CNTL[5:0]
{SCLK}CNTL[5]
{SDAT}CNTL[4]
I/O
6
LV-CMOS data I/O. I/O direction controlled by M/S pin
M/S=1: Inputs
M/S=0: Outputs
In SPI mode, CNTL[5] is SCLK; CNTL[4] is SDAT for master and slave
R/W
I/O
1
LV-CMOS data I/O. I/O direction controlled by M/S pin.
M/S=1: Input
M/S=0: Output
Functional operation:
R/W=1: Read
R/W=0: Write
STRB0(WCLK0)
I/O
1
LV-CMOS data I/O. Function controlled by M/S pin.
M/S=1: STRB0 Input
M/S=0: WCLK0 Output
STRB1(WCLK1)
I/O
1
LV-CMOS Data I/O. Function controlled by M/S pin.
M/S=1: STRB1 Input
M/S=0: WCLK1 Output


Số phần tương tự - FIN324CMLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN324CMLX FAIRCHILD-FIN324CMLX Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
More results

Mô tả tương tự - FIN324CMLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com