công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHC4066RGYRG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
SN74AHC4066RGYRG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 23 page SN74AHC4066 QUADRUPLE BILATERAL ANALOG SWITCH SCLS511 – JUNE 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) PARAMETER FROM TO TEST TA = 25°C MIN MAX UNIT PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX MIN MAX UNIT tPLH tPHL Propagation delay time A or B B or A CL = 15 pF, (see Figure 4) 1.2 10 16 ns tPZH tPZL Switch turn-on time C A or B CL = 15 pF, RL = 1 kΩ (see Figure 5) 3.3 15 20 ns tPLZ tPHZ Switch turn-off time C A or B CL = 15 pF, RL = 1 kΩ (see Figure 5) 6 15 23 ns tPLH tPHL Propagation delay time A or B B or A CL = 50 pF, (see Figure 4) 2.6 12 18 ns tPZH tPZL Switch turn-on time C A or B CL = 50 pF, RL = 1 kΩ (see Figure 5) 4.2 25 32 ns tPLZ tPHZ Switch turn-off time C A or B CL = 50 pF, RL = 1 kΩ (see Figure 5) 9.6 25 32 ns switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) PARAMETER FROM TO TEST TA = 25°C MIN MAX UNIT PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX MIN MAX UNIT tPLH tPHL Propagation delay time A or B B or A CL = 15 pF, (see Figure 4) 0.8 6 10 ns tPZH tPZL Switch turn-on time C A or B CL = 15 pF, RL = 1 kΩ (see Figure 5) 2.3 11 15 ns tPLZ tPHZ Switch turn-off time C A or B CL = 15 pF, RL = 1 kΩ (see Figure 5) 4.5 11 15 ns tPLH tPHL Propagation delay time A or B B or A CL = 50 pF, (see Figure 4) 1.5 9 12 ns tPZH tPZL Switch turn-on time C A or B CL = 50 pF, RL = 1 kΩ (see Figure 5) 3 18 22 ns tPLZ tPHZ Switch turn-off time C A or B CL = 50 pF, RL = 1 kΩ (see Figure 5) 7.2 18 22 ns |
Số phần tương tự - SN74AHC4066RGYRG4 |
|
Mô tả tương tự - SN74AHC4066RGYRG4 |