công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F324J6T6 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
ST72F324J6T6 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
7 / 163 page ST72324 7/163 1 INTRODUCTION The ST72F324 devices are members of the ST7 microcontroller family designed for the 5V operat- ing range. – The 32-pin devices are designed for mid-range applications – The 42/44-pin devices target the same range of applications requiring more than 24 I/O ports. For a description of the differences between ST72F324 and ST72F324B devices refer to Sec- tion 14.3 on page 152 All devices are based on a common industry- standard 8-bit core, featuring an enhanced instruc- tion set and are available with FLASH program memory. Under software control, all devices can be placed in WAIT, SLOW, ACTIVE-HALT or HALT mode, reducing power consumption when the application is in idle or stand-by state. The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 micro- controllers feature true bit manipulation, 8x8 un- signed multiplication and indirect addressing modes. Figure 1. Device Block Diagram 8-BIT CORE ALU OSC1 VPP CONTROL PROGRAM (8K - 32K Bytes) VDD RESET PORT F PF7:6,4,2:0 TIMER A BEEP PORT A RAM (384 - 1024 Bytes) PORT C 10-BIT ADC VAREF VSSA PORT B PB4:0 PORT E PE1:0 (2 bits) SCI TIMER B PA7:3 (5 bits on J devices) PORT D PD5:0 SPI PC7:0 (8 bits) VSS WATCHDOG OSC LVD OSC2 MEMORY MCC/RTC/BEEP (4 bits on K devices) (5 bits on J devices) (3 bits on K devices) (6 bits on J devices) (2 bits on K devices) (6 bits on J devices) (5 bits on K devices) 3 |
Số phần tương tự - ST72F324J6T6 |
|
Mô tả tương tự - ST72F324J6T6 |