công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STI50DE100 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STI50DE100
Giải thích chi tiết về linh kiện  Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI50DE100 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STI50DE100 Datasheet HTML 1Page - STMicroelectronics STI50DE100 Datasheet HTML 2Page - STMicroelectronics STI50DE100 Datasheet HTML 3Page - STMicroelectronics STI50DE100 Datasheet HTML 4Page - STMicroelectronics STI50DE100 Datasheet HTML 5Page - STMicroelectronics STI50DE100 Datasheet HTML 6Page - STMicroelectronics STI50DE100 Datasheet HTML 7Page - STMicroelectronics STI50DE100 Datasheet HTML 8Page - STMicroelectronics STI50DE100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STI50DE100
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
ICS(SS)
Collector-source current
(VBS = VGS = 0)
VCE = 1000V
100
µA
IBS(OS)
Base-source current
(IC = 0, VGS = 0)
VBS(OS) = 40V
10
µA
ISB(OS)
Source-base current
(IC = 0, VGS = 0)
VSB(OS) = 10V
100
µA
IGS(OS)
Gate-source leakage
VGS = ± 20V
500
nA
VCS(ON)
Collector-source ON
voltage
VGS = 10V IC = 50A IB = 10A
VGS = 10V_IC = 30A IB = 3A
1.3
1.1
V
V
hFE
DC current gain
VGS = 10V_IC = 50A VCS = 1V
VGS = 10V_IC = 30A VCS = 1V
3
6
7
13
VBS(ON) Base Source ON voltage
VGS = 10V_ IC = 50A IB = 10A
VGS = 10V_ IC = 30A_ IB = 3A
2.2
1.4
V
V
VGS(th)
Gate threshold voltage
VBS = VGS ______IB = 250µA
33.7
4.5
V
CISS
Input capacitance
VCS = 25V ______f = 1MHz
VGS = VCB = 0
2500
pF
QGS(tot)
Gate-source charge
VCS = 25V _____VGS = 10V
VCB = 0
IC = 50A
60
nC
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
IC = 25A IB = 5A VGS = 10V
VClamp = 800V RG = 47Ω
tp = 4µs
(see figure 13)
650
10
ns
ns
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
IC = 25A IB = 2.5A VGS = 10V
VClamp = 800V RG = 47Ω
tp = 4µs
(see figure 13)
430
6
ns
ns
VCSW
Maximum collector-
source voltage switched
without snubber
RG = 47Ω hFE = 5A IC = 35A
1000
V
VCS(dyn)
Collector-source
dynamic voltage
(500ns)
VCC = VClamp = 300V VGS = 10V
RG = 47Ω
IC = 5A IB = 5A
IBpeak = IC = 25A
tpeak = 500ns
5.5
V
VCS(dyn)
Collector-source
dynamic voltage
(1 µs)
VCC = VClamp = 300V VGS = 10V
RG = 47Ω
IC = 5A IB = 5A
IBpeak = IC = 25A
tpeak = 500ns
4.8
V


Số phần tương tự - STI50DE100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
   Low-cost interactive set-top box decoder
STI5100-MBOARD STMICROELECTRONICS-STI5100-MBOARD Datasheet
89Kb / 2P
   Low-cost interactive set-top box decoder
STI5100-REF STMICROELECTRONICS-STI5100-REF Datasheet
89Kb / 2P
   Low-cost interactive set-top box decoder
STI5100-STDVB STMICROELECTRONICS-STI5100-STDVB Datasheet
89Kb / 2P
   Low-cost interactive set-top box decoder
STI5100ZUA STMICROELECTRONICS-STI5100ZUA Datasheet
89Kb / 2P
   Low-cost interactive set-top box decoder
More results

Mô tả tương tự - STI50DE100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STE50DE100 STMICROELECTRONICS-STE50DE100 Datasheet
271Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1000 V - 50 A - 0.026 W POWER MODULE
STE50DE100 STMICROELECTRONICS-STE50DE100_07 Datasheet
308Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1000V - 50A - 0.026 ohm
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
STC03DE170 STMICROELECTRONICS-STC03DE170 Datasheet
329Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com