công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGB10NC60K bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STGB10NC60K
Giải thích chi tiết về linh kiện  N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10NC60K bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STGB10NC60K_07 Datasheet HTML 1Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 2Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 3Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 4Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 5Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 6Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 7Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 8Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STGB10NC60K - STGP10NC60K - STGD10NC60K
Electrical characteristics
5/17
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 5A
RG= 10Ω, VGE= 15V, Tj= 25°C
(see Figure 17)
17
6
655
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 5A
RG= 10Ω, VGE= 15V, Tj=125°C
(see Figure 17)
16.5
6.5
575
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390V, IC = 5A,
RGE = 10Ω, VGE = 15V,TJ=25°C
(see Figure 17)
33
72
82
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390V, IC = 5A,
RGE=10Ω, VGE =15V, Tj=125°C
(see Figure 17)
60
106
136
ns
ns
ns
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in a
package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the same
temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 5A
RG=10Ω, VGE=15V, Tj=25°C
(see Figure 17)
55
85
140
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 5A
RG=10Ω, VGE= 15V,
Tj= 125°C
(see Figure 17)
87
162
249
µJ
µJ
µJ


Số phần tương tự - STGB10NC60K_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD Datasheet
613Kb / 20P
   10 A, 600 V short-circuit rugged IGBT
STGB10NC60KDT4 STMICROELECTRONICS-STGB10NC60KDT4 Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB10NC60KDT4 STMICROELECTRONICS-STGB10NC60KDT4 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
More results

Mô tả tương tự - STGB10NC60K_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGD10NC60KD STMICROELECTRONICS-STGD10NC60KD Datasheet
467Kb / 15P
   N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
   N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
   N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
   N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com