công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08QD4VPC bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08QD4VPC
Giải thích chi tiết về linh kiện  Microcontrollers
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QD4VPC bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08QD4VPC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QD4VPC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QD4VPC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QD4VPC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QD4VPC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QD4VPC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QD4VPC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QD4VPC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QD4VPC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 196 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
16 MHz HCS08 CPU (central processor
unit)
HC08 instruction set with added BGND
instruction
Background debugging system
Breakpoint capability to allow single
breakpoint setting during in-circuit
debugging (plus two more breakpoints in
on-chip debug module)
Support for up to 32 interrupt/reset sources
Memory
Flash read/program/erase over full
operating voltage and temperature
Flash size:
— MC9S08QD4/S9S08QD4: 4096 bytes
— MC9S08QD2/S9S08QD2: 2048 bytes
•RAM size
— MC9S08QD4/S9S08QD4: 256 bytes
— MC9S08QD2/S9S08QD2: 128 bytes
Power-Saving Modes
Wait plus three stops
Clock Source Options
ICS — Internal clock source module (ICS)
containing a frequency-locked-loop (FLL)
controlled by internal. Precision trimming
of internal reference allows 0.2% resolution
and 2% deviation over temperature and
voltage.
System Protection
Watchdog computer operating properly
(COP) reset with option to run from
dedicated 32 kHz internal clock source or
bus clock
Low-voltage detection with reset or
interrupt
Illegal opcode detection with reset
Illegal address detection with reset
Flash block protect
Peripherals
ADC — 4-channel, 10-bit analog-to-digital
converter with automatic compare
function, asynchronous clock source,
temperature sensor and internal bandgap
reference channel. ADC is hardware
triggerable using the RTI counter.
TIM1 — 2-channel timer/pulse-width
modulator; each channel can be used for
input capture, output compare, buffered
edge-aligned PWM, or buffered
center-aligned PWM
TIM2 — 1-channel timer/pulse-width
modulator; each channel can be used for
input capture, output compare, buffered
edge-aligned PWM, or buffered
center-aligned PWM
KBI — 4-pin keyboard interrupt module
with software selectable polarity on edge or
edge/level modes
Input/Output
Four General-purpose input/output (I/O)
pins, one input-only pin and one
output-only pin. Outputs 10 mA each, 60
mA maximum for package.
Software selectable pullups on ports when
used as input
Software selectable slew rate control and
drive strength on ports when used as output
Internal pullup on RESET and IRQ pin to
reduce customer system cost
Development Support
Single-wire background debug interface
Package Options
8-pin SOIC package
8-pin PDIP (Only for MC9S08QD4 and
MC9S08QD2)
All package options are RoHS compliant
MC9S08QD4 Series Features


Số phần tương tự - MC9S08QD4VPC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08QD4VPC FREESCALE-MC9S08QD4VPC Datasheet
2Mb / 202P
   Microcontrollers
MC9S08QD4VPC FREESCALE-MC9S08QD4VPC Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results

Mô tả tương tự - MC9S08QD4VPC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com