công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7MDT10-DVP3 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện ST7MDT10-DVP3
Giải thích chi tiết về linh kiện  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-DVP3 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  ST7MDT10-DVP3 Datasheet HTML 1Page - STMicroelectronics ST7MDT10-DVP3 Datasheet HTML 2Page - STMicroelectronics ST7MDT10-DVP3 Datasheet HTML 3Page - STMicroelectronics ST7MDT10-DVP3 Datasheet HTML 4Page - STMicroelectronics ST7MDT10-DVP3 Datasheet HTML 5Page - STMicroelectronics ST7MDT10-DVP3 Datasheet HTML 6Page - STMicroelectronics ST7MDT10-DVP3 Datasheet HTML 7Page - STMicroelectronics ST7MDT10-DVP3 Datasheet HTML 8Page - STMicroelectronics ST7MDT10-DVP3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
October 2006
1/125
Rev 5
ST7LITE0x, ST7LITESx
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE
FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Memories
– 1K or 1.5K bytes single voltage Flash Pro-
gram memory with read-out protection, In-Cir-
cuit and In-Application Programming (ICP and
IAP). 10K write/erase cycles guaranteed, data
retention: 20 years at 55°C.
– 128 bytes RAM.
– 128 bytes data EEPROM with read-out pro-
tection. 300K write/erase cycles guaranteed,
data retention: 20 years at 55°C.
Clock, Reset and Supply Management
– 3-level low voltage supervisor (LVD) and aux-
iliary voltage detector (AVD) for safe power-
on/off procedures
– Clock sources: internal 1MHz RC 1% oscilla-
tor or external clock
– PLL x4 or x8 for 4 or 8 MHz internal clock
– Four Power Saving Modes: Halt, Active-Halt,
Wait and Slow
Interrupt Management
– 10 interrupt vectors plus TRAP and RESET
– 4 external interrupt lines (on 4 vectors)
I/O Ports
– 13 multifunctional bidirectional I/O lines
– 9 alternate function lines
– 6 high sink outputs
2 Timers
– One 8-bit Lite Timer (LT) with prescaler in-
cluding: watchdog, 1 realtime base and 1 in-
put capture.
– One 12-bit Auto-reload Timer (AT) with output
compare function and PWM
1 Communication Interface
– SPI synchronous serial interface
A/D Converter
– 8-bit resolution for 0 to VDD
– Fixed gain Op-amp for 11-bit resolution in 0 to
250 mV range (@ 5V VDD)
– 5 input channels
Instruction Set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
Development Tools
– Full hardware/software development package
Device Summary
DIP16
SO16
150”
QFN20
Features
ST7SUPERLITE
ST7LITE0x
ST7LITES2
ST7LITES5
ST7LITE02
ST7LITE05
ST7LITE09
Program memory - bytes
1K
1K
1.5K
1.5K
1.5K
RAM (stack) - bytes
128 (64)
128 (64)
128 (64)
128 (64)
128 (64)
Data EEPROM - bytes
----
128
Peripherals
LT Timer w/ Wdg,
AT Timer w/ 1 PWM,
SPI
LT Timer w/ Wdg,
AT Timer w/ 1 PWM,
SPI, 8-bit ADC
LT Timer w/ Wdg,
AT Timer w/ 1 PWM,
SPI
LT Timer w/ Wdg,
AT Timer w/ 1 PWM, SPI,
8-bit ADC w/ Op-Amp
Operating Supply
2.4V to 5.5V
CPU Frequency
1MHz RC 1% + PLLx4/8MHz
Operating Temperature
-40°C to +85°C
Packages
SO16 150”, DIP16, QFN20
1


Số phần tương tự - ST7MDT10-DVP3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7MDT10-DVP33 STMICROELECTRONICS-ST7MDT10-DVP33 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Mô tả tương tự - ST7MDT10-DVP3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FLITE25F1B6 STMICROELECTRONICS-ST7FLITE25F1B6 Datasheet
1Mb / 166P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
June 2013 Rev 5
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7LITE0XY0 STMICROELECTRONICS-ST7LITE0XY0 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com