công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7MDT10-EMU3 bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện ST7MDT10-EMU3
Giải thích chi tiết về linh kiện  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-EMU3 bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button ST7MDT10-EMU3 Datasheet HTML 3Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 4Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 5Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 6Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 7Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 8Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 9Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 10Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
ST7LITE0x, ST7LITESx
7/125
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: C= CMOS 0.15VDD/0.85VDD with input trigger
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain, PP = push-pull
Table 1. Device Pin Description
Pin
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1VSS
S
Ground
2VDD
S
Main power supply
3
RESET
I/O
CT
X
X
Top priority non maskable interrupt (active low)
4
PB0/AIN0/SS
I/O
CT
X
ei3
X
X
X
Port B0
ADC Analog Input 0 or SPI Slave
Select (active low)
Caution: No negative current in-
jection allowed on this pin. For
details, refer to section 13.2.2 on
page 83
5
PB1/AIN1/SCK
I/O
CT
X
XX
X
X
Port B1
ADC Analog Input 1 or SPI Clock
Caution: No negative current in-
jection allowed on this pin. For
details, refer to section 13.2.2 on
page 83
6
PB2/AIN2/MISO
I/O
CT
X
XX
X
X
Port B2
ADC Analog Input 2 or SPI Mas-
ter In/ Slave Out Data
7
PB3/AIN3/MOSI
I/O
CT
X
ei2
X
X
X
Port B3
ADC Analog Input 3 or SPI Mas-
ter Out / Slave In Data
8
PB4/AIN4/CLKIN
I/O
CT
X
XX
X
X
Port B4
ADC Analog Input 4 or External
clock input
9
PA7
I/O
CT
X
ei1
X
X
Port A7
10
PA6 /MCO/
ICCCLK
I/O
CT
X
X
XX
Port A6
Main Clock Output/In Circuit
Communication Clock.
Caution: During normal opera-
tion this pin must be pulled- up,
internally or externally (external
pull-up of 10k mandatory in noisy
environment). This is to avoid en-
tering ICC mode unexpectedly
during a reset. In the application,
even if the pin is configured as
output, any reset will put it back in
input pull-up
1


Số phần tương tự - ST7MDT10-EMU3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7MDT10-EMU3 STMICROELECTRONICS-ST7MDT10-EMU3 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Mô tả tương tự - ST7MDT10-EMU3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FLITE25F1B6 STMICROELECTRONICS-ST7FLITE25F1B6 Datasheet
1Mb / 166P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
June 2013 Rev 5
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7LITE0XY0 STMICROELECTRONICS-ST7LITE0XY0 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com