công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FLITES2 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện ST7FLITES2
Giải thích chi tiết về linh kiện  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITES2 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  ST7FLITES2 Datasheet HTML 1Page - STMicroelectronics ST7FLITES2 Datasheet HTML 2Page - STMicroelectronics ST7FLITES2 Datasheet HTML 3Page - STMicroelectronics ST7FLITES2 Datasheet HTML 4Page - STMicroelectronics ST7FLITES2 Datasheet HTML 5Page - STMicroelectronics ST7FLITES2 Datasheet HTML 6Page - STMicroelectronics ST7FLITES2 Datasheet HTML 7Page - STMicroelectronics ST7FLITES2 Datasheet HTML 8Page - STMicroelectronics ST7FLITES2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
ST7LITE0x, ST7LITESx
5/125
1 INTRODUCTION
The
ST7LITE0x
and
ST7SUPERLITE
(ST7LITESx) are members of the ST7 microcon-
troller family. All ST7 devices are based on a com-
mon industry-standard 8-bit core, featuring an en-
hanced instruction set.
The ST7LITE0x and ST7SUPERLITE feature
FLASH memory with byte-by-byte In-Circuit Pro-
gramming (ICP) and In-Application Programming
(IAP) capability.
Under software control, the ST7LITE0x and
ST7SUPERLITE devices can be placed in WAIT,
SLOW, or HALT mode, reducing power consump-
tion when the application is in idle or standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
For easy reference, all parametric data are located
in section 13 on page 82.
Figure 1. General Block Diagram
8-BIT CORE
ALU
RESET
PORT B
PORT A
SPI
8-BIT ADC
w/ WATCHDOG
PB4:0
(5 bits)
1 MHz. RC OSC
Internal
CLOCK
CONTROL
RAM
(128 Bytes)
PA7:0
(8 bits)
VSS
VDD
POWER
SUPPLY
FLASH
+
PLL x 4 or x 8
LITE TIMER
MEMORY
DATA EEPROM
(128 Bytes)
12-BIT AUTO-
RELOAD TIMER
LVD/AVD
(1 or 1.5K Bytes)
1


Số phần tương tự - ST7FLITES2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FLITES2 STMICROELECTRONICS-ST7FLITES2 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITES2Y0B6 STMICROELECTRONICS-ST7FLITES2Y0B6 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7FLITES2Y0B6 STMICROELECTRONICS-ST7FLITES2Y0B6 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITES2Y0B6TR STMICROELECTRONICS-ST7FLITES2Y0B6TR Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITES2Y0M6 STMICROELECTRONICS-ST7FLITES2Y0M6 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
More results

Mô tả tương tự - ST7FLITES2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FLITE25F1B6 STMICROELECTRONICS-ST7FLITE25F1B6 Datasheet
1Mb / 166P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
June 2013 Rev 5
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7LITE0XY0 STMICROELECTRONICS-ST7LITE0XY0 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com