công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM708SM6F bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
STM708SM6F bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
10 / 26 page STM706T/S/R; STM706P; STM708T/S/R 10/26 Interfacing to Microprocessors with Bi- directional Reset Pins Microprocessors with bi-directional reset pins can contend with the STM70x reset output. For exam- ple, if the reset output is driven high and the micro wants to pull it low, signal contention will result. To prevent this from occurring, connect a 4.7k Ω resis- tor between the reset output and the micro’s reset I/O as in Figure 12. Figure 12. Interfacing to Microprocessors with Bi-directional Reset I/O TYPICAL OPERATING CHARACTERISTICS Note: Typical values are at TA = 25°C. Figure 13. Supply Current vs. Temperature (no load) AI08845 STM70x RST GND 4.7k VCC Microprocessor RST Buffered Reset to other System Components GND VCC Temperature ( °C) AI09141b 0 5 10 15 20 25 30 –40 –20 0 20 40 60 80 100 120 VCC = 2.7V VCC = 3.0V VCC = 3.6V VCC = 4.5V VCC = 5.5V |
Số phần tương tự - STM708SM6F |
|
Mô tả tương tự - STM708SM6F |