công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8472IRGZRG4 bảng dữ liệu(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS8472IRGZRG4
Giải thích chi tiết về linh kiện  16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8472IRGZRG4 bảng dữ liệu(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS8472IRGZRG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8472IRGZRG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8472IRGZRG4 Datasheet HTML 9Page - Burr-Brown (TI) ADS8472IRGZRG4 Datasheet HTML 10Page - Burr-Brown (TI) ADS8472IRGZRG4 Datasheet HTML 11Page - Burr-Brown (TI) ADS8472IRGZRG4 Datasheet HTML 12Page - Burr-Brown (TI) ADS8472IRGZRG4 Datasheet HTML 13Page - Burr-Brown (TI) ADS8472IRGZRG4 Datasheet HTML 14Page - Burr-Brown (TI) ADS8472IRGZRG4 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
-0.100
-0.080
-0.060
-0.040
-0.020
0
0.020
0.040
0.060
0.080
0.100
3
3.2
3.4
3.6
3.8
4
4.2
ReferenceVoltage-V
T
=25
f =1MSPS,
V
=5V
A
s
DD
°C,
-0.08
-0.07
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T
=25°C,
f =1MSPS,
V
=4.096
A
i
ref
-0.04
-0.038
-0.036
-0.034
-0.032
-0.03
-40
-25 -10
5
20
35
50
65
80
T
-Free-AirTemperature- C
A
°
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
s
ref
0
3
13
11
4
0
2
4
6
8
10
12
14
0.01
0.03
0.04
0.05
0.07
0.08
OffsetDrift-ppm/C
4
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
i
ref
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
3
3.2
3.4
3.6
3.8
4
4.2
ReferenceVoltage-V
V
=5V,
T
=25 C,
f =1MSPS
DD
A
s
°
1
9
8
7
4
6
0
1
2
3
4
5
6
7
8
9
10
0.03
0.19
0.35
0.50
0.66
0.90
GainErrorDrift-ppm/C
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
i
ref
-122
-121
-120
-119
3
3.2
3.4
3.6
3.8
4
4.2
V
-ReferenceVoltage-V
ref
+VA =5V,
+VBD=5V,
f =1MSPS,
T
=25 C,
f =2kHz
s
A
i
°
93.8
94
94.2
94.4
94.6
94.8
95
95.2
95.4
3
3.2
3.4
3.6
3.8
4
4.2
V
-ReferenceVoltage-V
ref
+VA =5V,
+VBD=5V,
f =1MSPS,
T
=25 C,
f =2kHz
s
A
i
°
93.8
94
94.2
94.4
94.6
94.8
95
95.2
95.4
3
3.2
3.4
3.6
3.8
4
4.2
V
-ReferenceVoltage-V
ref
+VA =5V,
+VBD=5V,
f =1MSPS,
T
=25 C,
f =2kHz
s
A
i
°
ADS8472
SLAS514 – DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
OFFSET ERROR
GAIN ERROR
GAIN ERROR
vs
vs
vs
REFERENCE VOLTAGE
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
GAIN ERROR
vs
OFFSET ERROR TEMPERATURE
GAIN ERROR TEMPERATURE
REFERENCE VOLTAGE
DRIFT DISTRIBUTION (35 Samples)
DRIFT DISTRIBUTION (35 Samples)
Figure 19.
Figure 20.
Figure 21.
TOTAL HARMONIC DISTORTION
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE + DISTORTION
vs
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 22.
Figure 23.
Figure 24.
11
Submit Documentation Feedback


Số phần tương tự - ADS8472IRGZRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8471IBRGZR BURR-BROWN-ADS8471IBRGZR Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471IBRGZT BURR-BROWN-ADS8471IBRGZT Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471IBRGZT TI1-ADS8471IBRGZT Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Mô tả tương tự - ADS8472IRGZRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com