công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8472 bảng dữ liệu(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS8472
Giải thích chi tiết về linh kiện  16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8472 bảng dữ liệu(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS8472 Datasheet HTML 5Page - Burr-Brown (TI) ADS8472 Datasheet HTML 6Page - Burr-Brown (TI) ADS8472 Datasheet HTML 7Page - Burr-Brown (TI) ADS8472 Datasheet HTML 8Page - Burr-Brown (TI) ADS8472 Datasheet HTML 9Page - Burr-Brown (TI) ADS8472 Datasheet HTML 10Page - Burr-Brown (TI) ADS8472 Datasheet HTML 11Page - Burr-Brown (TI) ADS8472 Datasheet HTML 12Page - Burr-Brown (TI) ADS8472 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0
0
0
4224
3968
0
0
0
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
-5
-4
-3
-2
-1
0
1
2
3
4
OutputCode
+VA =5V,
+VBD=5V,
T
=25 C,
f =1MSPS,
V
=4.096V,
Input=Midscale
A
s
ref
°
0
0
0
73
8045
74
0
0
0
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
-4
-3
-2
-1
0
1
2
3
4
OutputCode
+VA =5V,
+VBD=5V,
T
=25 C,
f =1MSPS,
V
=4.096V,
Input=Midscale
A
s
ref
°
4.095
4.0955
4.096
4.0965
4.097
4.0975
4.098
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V,
+VBD=5V
4.09713
4.09714
4.09715
4.09716
4.09717
4.09718
4.09719
4.0972
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T
=25°C
A
44
44.4
44.8
45.2
45.6
46
-40
-25
-10
5
20
35
50
65
80
T
-Free-AirTemperature- C
A
º
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
s
ref
44
44.4
44.8
45.2
45.6
46
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T
=25 C,
f =1MSPS,
V
=4.096V
A
s
ref
°
ADS8472
SLAS514 – DECEMBER 2006
TERMINAL FUNCTIONS (continued)
NAME
NO
I/O
DESCRIPTION
DB2
43
O
D2
All ones
D2
DB1
44
O
D1
All ones
D1
DB0
45
O
D0 (LSB)
All ones
D0 (LSB)
–IN
19
I
Inverting input channel
+IN
18
I
Noninverting input channel
NC
15, 46, 47
No connection
REFIN
13
I
Reference input
REFOUT
14
O
Reference output. Add 1-
µF capacitor between the REFOUT pin and REFM pin when internal reference is used.
REFM
11, 12
I
Reference ground
Synchronization pulse for the parallel output. When CS is low, this serves as output enable and puts the previous
RD
5
I
conversion results on the bus.
7, 10, 16,
+VA
Analog power supplies, 5-V DC
21, 22, 25
+VBD
1, 36
Digital power supply for bus
DC HISTOGRAM
DC HISTOGRAM
INTERNAL REFERENCE VOLTAGE
(8192 Conversion Outputs, Code
(8192 Conversion Outputs, Center
vs
Transition)
of Code)
FREE-AIR TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
INTERNAL REFERENCE VOLTAGE
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEM PERATURE
SUPPLY VOLTAGE
Figure 4.
Figure 5.
Figure 6.
9
Submit Documentation Feedback


Số phần tương tự - ADS8472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8471IBRGZR BURR-BROWN-ADS8471IBRGZR Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471IBRGZT BURR-BROWN-ADS8471IBRGZT Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471IBRGZT TI1-ADS8471IBRGZT Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Mô tả tương tự - ADS8472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com