công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL1431CZT bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
TL1431CZT bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
3 / 13 page TL1431 Absolute Maximum Ratings 3/13 2 Absolute Maximum Ratings Table 1. Key parameters and their absolute maximum ratings Symbol Parameter Value Unit VKA Cathode to Anode Voltage 37 V Ik Continuous Cathode Current Range -100 to +150 mA Iref Reference Input Current Range -0.05 to +10 mA TJ Junction temperature +150 °C Pd Power Dissipation (1) TO92 SO-8 batwing 1. Calculated with TJ=+150°C and TAMB=+25°C with relative RTHJ-A depending on the package 625 960 mW Tstg Storage Temperature Range -65 to +150 °C Table 2. Operating conditions Symbol Parameter Value Unit VKA Cathode to Anode Voltage Vref to 36 V Ik Cathode Current 1 to 100 mA Toper Operating Free-air Temperature Range TL1431C/AC TL1431I/AI -200 to +70 -40 to +105 °C RTHJ-A Thermal resistance Junction to Ambient SO 8 Batwing TO92 130 200 °C/W |
Số phần tương tự - TL1431CZT |
|
Mô tả tương tự - TL1431CZT |