công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145106DW bảng dữ liệu(PDF) 3 Page - Motorola, Inc |
|
MC145106DW bảng dữ liệu(HTML) 3 Page - Motorola, Inc |
3 / 8 page MC145106 MOTOROLA 3 ELECTRICAL CHARACTERISTICS (TA = 25°C Unless Otherwise Stated, Voltages Referenced to VSS) Ch i i Sb l VDD All Types Ui Characteristic Symbol VDD Vdc Min Typ* Max Unit Power Supply Voltage Range VDD — 4.5 — 12 V Supply Current IDD 5.0 10 12 — — — 6 20 28 10 35 50 mA Input Voltage “0” Level VIL 5.0 10 12 — — — — — — 1.5 3.0 3.6 V “1” Level VIH 5.0 10 12 3.5 7.0 8.4 — — — — — — Input Current “0” Level FS, Pull–Up Resistor Source Current) Iin 5.0 10 12 – 5.0 – 15 – 20 – 20 – 60 – 80 – 50 – 150 – 200 µA (P0 – P8) 5.0 10 12 — — — — — — – 0.3 – 0.3 – 0.3 (FS) “1” Level 5.0 10 12 — — — — — — 0.3 0.3 0.3 (P0 – P8, Pull–Down Resistor Sink Current) 5.0 10 12 7.5 22.5 30 30 90 120 75 225 300 (OSCin, fin) “0” Level 5.0 10 12 – 2.0 – 6.0 – 9.0 – 6.0 – 25 – 37 – 15 – 62 – 92 (OSCin, fin) “1” Level 5.0 10 12 2.0 6.0 9.0 6.0 25 37 15 62 92 Output Drive Current (VO = 4.5 V) Source (VO = 9.5 V) (VO = 11.5 V) IOH 5.0 10 12 – 0.7 – 1.1 – 1.5 – 1.4 – 2.2 – 3.0 — — — mA (VO = 0.5 V) Sink (VO = 0.5 V) (VO = 0.5 V) IOL 5.0 10 12 0.9 1.4 2.0 1.8 2.8 4.0 — — — Input Amplitude (fin @ 4.0 MHz) (OSCin @ 10.24 MHz) — — — 1.0 1.5 0.2 0.3 — — V p–p Sine Input Resistance (OSCin, fin) Rin 5.0 10 12 — — — 1.0 0.5 — — — — M Ω Input Capacitance (OSCin, fin) Cin — — 6.0 — pF Three–State Leakage Current ( φDetout) IOZ 5.0 10 12 — — — — — — 1.0 1.0 1.0 µA Input Frequency (– 40 to + 85 °C) fin 4.5 12 0 0 — — 4.0 4.0 MHz Oscillator Frequency (– 40 to + 85 °C) OSCin 4.5 12 0.1 0.1 — — 10.24 10.24 MHz *Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. |
Số phần tương tự - MC145106DW |
|
Mô tả tương tự - MC145106DW |