công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145106P bảng dữ liệu(PDF) 2 Page - Motorola, Inc |
|
MC145106P bảng dữ liệu(HTML) 2 Page - Motorola, Inc |
2 / 8 page MC145106 MOTOROLA 2 B 2out OSCin fin VDD P8 LD φDetout FS OSCout P2 P1 P0 VSS P7 P6 P5 P4 P3 14 15 16 17 18 10 11 12 13 5 4 3 2 1 9 8 7 6 PLASTIC DIP SOG PACKAGE PIN ASSIGNMENTS NC = NO CONNECTION FS OSCout OSCin fin VDD P7 P8 LD φDetout B 2out 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 P2 P1 NC P0 VSS P6 P5 NC P4 P3 MAXIMUM RATINGS (Voltages Referenced to VSS) Parameter Symbol Value Unit DC Supply Voltage VDD – 0.5 to + 12 V Input Voltage, All Inputs Vin – 0.5 to VDD + 0.5 V DC Input Current, per Pin I ± 10 mA Operating Temperature Range TA – 40 to + 85 °C Storage Temperature Range Tstg – 65 to + 150 °C This device contains circuitry to protect the inputs against damage due to high static volt- ages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended that Vin and Vout be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD. |
Số phần tương tự - MC145106P |
|
Mô tả tương tự - MC145106P |