công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145106P bảng dữ liệu(PDF) 4 Page - Motorola, Inc |
|
MC145106P bảng dữ liệu(HTML) 4 Page - Motorola, Inc |
4 / 8 page MC145106 MOTOROLA 4 TYPICAL CHARACTERISTICS* * Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. OSCin, MAXIMUM FREQUENCY (MHz) fin, MAXIMUM FREQUENCY (MHz) 50 40 30 20 10 0 0 5.0 10 15 20 25 + 85 °C – 40 °C + 25 °C 50 40 30 20 10 0 0 5.0 10 15 20 25 + 85 °C – 40 °C + 25 °C Figure 1. Maximum Divider Input Frequency versus Supply Voltage Figure 2. Maximum Oscillator Input Frequency versus Supply Voltage TRUTH TABLE Selection P8 P7 P6 P5 P4 P3 P2 P1 P0 Divide by N 0 0 0 0 0 0 0 0 0 2* 0 0 0 0 0 0 0 0 1 3* 0 0 0 0 0 0 0 1 0 2 0 0 0 0 0 0 0 1 1 3 0 0 0 0 0 0 1 0 0 4 0 1 1 1 1 1 1 1 1 255 1 1 1 1 1 1 1 1 1 511 1: Voltage level = VDD. 0: Voltage level = 0 or open circuit input. * The binary setting of 00000000 and 00000001 on P8 to P0 results in a 2 and 3 division which is not in the 2N – 1 sequence. When pin is not connected the logic signal on that pin can be treated as a “0”. PIN DESCRIPTIONS P0 – P8 Programmable Inputs (PDIP — Pins 17 – 9; SOG — Pins 19, 17 – 14, 12 – 9) Programmable divider inputs (binary). fin Frequency Input (PDIP, SOG — Pin 2) Frequency input to programmable divider (derived from VCO). OSCin, OSCout Oscillator Input and Oscillator Output (PDIP, SOG — Pins 3, 4) Oscillator/amplifier input and output terminals. LD Lock Detector (PDIP, SOG — Pin 8) LD is high when loop is locked, pulses low when out–of– lock. φDetout (PDIP, SOG — Pin 7) Signal for control of external VCO, output high when fin/N is less than the reference frequency; output low when fin/N is greater than the reference frequency. Reference frequency is the divided down oscillator — input frequency typically 5.0 or 10 kHz. NOTE Phase Detector Gain = VDD/4π. FS Reference Oscillator Frequency Division Select (PDIP, SOG — Pin 6) When using 10.24 MHz OSC frequency, this control selects 10 kHz, a “0” selects 5.0 kHz. ÷ 2out (PDIP, SOG — Pin 5) Reference OSC frequency divided by 2 output; when using 10.24 MHz OSC frequency, this output is 5.12 MHz for fre- quency tripling applications. VDD Positive Power Supply (PDIP, SOG — Pin 1) VSS Ground (PDIP — Pin 18, SOG — Pin 20) |
Số phần tương tự - MC145106P |
|
Mô tả tương tự - MC145106P |