công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8832IBRGYR bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện DAC8832IBRGYR
Giải thích chi tiết về linh kiện  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC8832IBRGYR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button DAC8832IBRGYR Datasheet HTML 3Page - Texas Instruments DAC8832IBRGYR Datasheet HTML 4Page - Texas Instruments DAC8832IBRGYR Datasheet HTML 5Page - Texas Instruments DAC8832IBRGYR Datasheet HTML 6Page - Texas Instruments DAC8832IBRGYR Datasheet HTML 7Page - Texas Instruments DAC8832IBRGYR Datasheet HTML 8Page - Texas Instruments DAC8832IBRGYR Datasheet HTML 9Page - Texas Instruments DAC8832IBRGYR Datasheet HTML 10Page - Texas Instruments DAC8832IBRGYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
TIMING CHARACTERISTICS: V
DD = +5 V
(1) (2)
TIMING CHARACTERISTICS: V
DD = +3 V
(1) (2)
DAC8832
SBAS380A – FEBRUARY 2006 – REVISED APRIL 2006
At –40
°C to +85°C, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
20
ns
twsck
SCLK high or low time
10
ns
tDelay
Delay from SCLK high to CS low
10
ns
tLead
CS enable lead time
10
ns
tLag
CS enable lag time
10
ns
tDSCLK
Delay from CS high to SCLK high
10
ns
ttd
CS high between active period
30
ns
tsu
Data setup time (input)
10
ns
tho
Data hold time (input)
0
ns
tWLDAC
LDAC width
30
ns
tDLDAC
Delay from CS high to LDAC low
30
ns
VDD high to CS low (power-up delay)
10
µs
(1)
Assured by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect this parameter.
At –40
°C to +85°C, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
20
ns
twsck
SCLK high or low time
10
ns
tDelay
Delay from SCLK high to CS low
10
ns
tLead
CS enable lead time
10
ns
tLag
CS enable lag time
10
ns
tDSCLK
Delay from CS high to SCLK high
10
ns
ttd
CS high between active period
30
ns
tsu
Data setup time (input)
10
ns
tho
Data hold time (input)
0
ns
tWLDAC
LDAC width
30
ns
tDLDAC
Delay from CS high to LDAC low
30
ns
VDD high to CS low (power-up delay)
10
µs
(1)
Assured by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect this parameter.
7
Submit Documentation Feedback


Số phần tương tự - DAC8832IBRGYR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8832 TI1-DAC8832 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8832IBRGYR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com