công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST173C10CHK2P bảng dữ liệu(PDF) 3 Page - International Rectifier |
|
ST173C10CHK2P bảng dữ liệu(HTML) 3 Page - International Rectifier |
3 / 9 page ST173CPbF Series 3 Bulletin I25233 10/06 www.irf.com V TM Max. peak on-state voltage 2.07 I TM = 600A, T J = T J max, t p = 10ms sine wave pulse V T(TO)1 Low level value of threshold voltage V T(TO)2 High level value of threshold voltage r t1 Low level value of forward slope resistance r t2 High level value of forward slope resistance I H Maximum holding current 600 T J = 25°C, I T > 30A I L Typical latching current 1000 T J = 25°C, V A = 12V, Ra = 6 Ω, I G = 1A Parameter ST173C..C Units Conditions On-state Conduction 1.55 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 1.61 (I > π x I T(AV) ), T J = T J max. V 0.87 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 0.77 (I > π x I T(AV) ), T J = T J max. m Ω mA di/dt Max. non-repetitive rate of rise T J = T J max, V DRM = rated V DRM of turned-on current I TM = 2 x di/dt T J= 25°C, V DM = rated V DRM , I TM = 50A DC, t p = 1µs Resistive load, Gate pulse: 10V, 5 Ω source T J = T J max, I TM = 300A, commutating di/dt = 20A/µs V R = 50V, t p = 500µs, dv/dt: see table in device code Switching Parameter ST173C..C Units Conditions 1000 A/µs t d Typical delay time 1.1 Min Max dv/dt Maximum critical rate of rise of T J = T J max. linear to 80% V DRM , higher value off-state voltage available on request I RRM Max. peak reverse and off-state I DRM leakage current Parameter ST173C..C Units Conditions Blocking 500 V/ μs 40 mA T J = T J max, rated V DRM /V RRM applied P GM Maximum peak gate power 60 P G(AV) Maximum average gate power 10 I GM Max. peak positive gate current 10 A T J = T J max, t p ≤ 5ms +V GM Maximum peak positive gate voltage -V GM Maximum peak negative gate voltage I GT Max. DC gate current required to trigger V GT Max. DC gate voltage required to trigger I GD Max. DC gate current not to trigger 20 mA V GD Max. DC gate voltage not to trigger 0.25 V Triggering Parameter ST173C..C Units Conditions 20 5 VT J = T J max, t p ≤ 5ms 200 mA 3V T J = 25°C, V A = 12V, Ra = 6 Ω T J = T J max, rated V DRM applied t q Max. turn-off time 15 3 0 µs WT J = T J max, f = 50Hz, d% = 50 |
Số phần tương tự - ST173C10CHK2P |
|
Mô tả tương tự - ST173C10CHK2P |