công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST173C12CCP2P bảng dữ liệu(PDF) 6 Page - International Rectifier |
|
ST173C12CCP2P bảng dữ liệu(HTML) 6 Page - International Rectifier |
6 / 9 page ST173CPbF Series 6 Bulletin I25233 10/06 www.irf.com Fig. 7 - Maximum Non-repetitive Surge Current Single and Double Side Cooled Fig. 8 - Maximum Non-repetitive Surge Current Single and Double Side Cooled Fig. 5 - On-state Power Loss Characteris- tics Fig. 6 - On-state Power Loss Characteris- tics Fig. 3 - Current Ratings Characteristics Fig. 4 - Current Ratings Characteristics 20 30 40 50 60 70 80 90 100 110 120 130 0 100 200 300 400 500 600 700 DC 30° 60° 90° 120° 180° Average On-state Current (A) Cond uc tion Period ST173C..C Series (Double Side Cooled) R (DC) = 0.08 K/ W thJ-hs 30 40 50 60 70 80 90 100 110 120 130 0 50 100 150 200 250 300 350 400 30° 60° 90° 120° 180° Average On-state Current (A) Cond uc tion Angle ST173C..C Series (Double Side Cooled) R (DC) = 0.08 K/ W thJ-hs 0 200 400 600 800 1000 1200 1400 0 100 200 300 400 500 600 700 DC 180° 120° 90° 60° 30° RMSLimit Cond uction Period Average On-state Current (A) ST173C..C Series T = 125°C J 0 100 200 300 400 500 600 700 800 900 1000 0 50 100 150 200 250 300 350 400 450 180° 120° 90° 60° 30° RMSLimit Cond uction Angle Average On-state Current (A) ST173C..C Series T = 125°C J 2000 2500 3000 3500 4000 4500 1 10 100 Numb er Of Eq ual Amplitud e Half Cycle Current Pulses (N) At Any Rated Load Condition And With Rated V Applied Following Surge. RRM Initial T = 125°C @60 Hz 0.0083 s @50 Hz 0.0100 s J ST173C..C Series 1500 2000 2500 3000 3500 4000 4500 5000 0.01 0.1 1 Pulse Train Duration (s) Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. Initial T = 125°C No Voltage Reapplied Rated V Reapplied RRM J ST173C..C Series Maximum Non Repetitive Surge Current |
Số phần tương tự - ST173C12CCP2P |
|
Mô tả tương tự - ST173C12CCP2P |