công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB1AF-T-D-24V bảng dữ liệu(PDF) 1 Page - Nais(Matsushita Electric Works)

tên linh kiện CB1AF-T-D-24V
Giải thích chi tiết về linh kiện  HIGH POWER AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NAIS [Nais(Matsushita Electric Works)]
Trang chủ  
Logo NAIS - Nais(Matsushita Electric Works)

CB1AF-T-D-24V bảng dữ liệu(HTML) 1 Page - Nais(Matsushita Electric Works)

  CB1AF-T-D-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) CB1AF-T-D-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) CB1AF-T-D-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) CB1AF-T-D-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
379
CB-RELAYS
HIGH POWER
AUTOMOTIVE RELAY
22.0
.866
25.5
1.004
26.5
1.043
mm inch
22.0
.866
25.0
.984
26.0
1.024
FEATURES
• 40 A rating at 85
°C 185°F
• ISO type terminals
• High shock resistance for drop test requirements
(2 meters 6.6 feet)
• Low temperature rise — all current carrying material
is copper.
• Quick connect and PC board type
SPECIFICATIONS
Contact
(1) Standard type (12V coil voltage)
(2) Standard type (24V coil voltage)
*1 All other specifications are the same as those of standard type (12V coil voltage)
Arrangement
1 Form A
1 Form C
High contact capacity
(1 Form A)
Rating
Nominal switching capacity
40 A 14 V DC
N.O.: 40 A 14 V DC
N.C.: 30 A 14 V DC
70 A 14 V DC (at 20
°C 68°F)
50 A 14 V DC (at 85
°C 185°F)
Max. switching current
(at 85
°C 185°F)
40 A 14 V DC
N.O.: 40 A 14 V DC
N.C.: 30 A 14 V DC
40 A 14 V DC
Initial contact resistance, max.
15m
Contact material
Silver alloy
Expected life
Mechanical (at 120 cpm)
Min. 106
Electrical (at rated load)
Flux-resistant type: Min. 105*1
Sealed type: Min. 5
× 104
Arrangement
1 Form A
1 Form C
Rating
Nominal switching capacity
20 A 28V DC
N.O.: 20 A 28 V DC
N.C.: 10 A 28 V DC
Max. switching current
(at 85
°C 185°F)
20 A 28 V DC
N.O.: 20 A 28 V DC
N.C.: 10 A 28 V DC
(3) Heat resistant type (12V, 24V coil voltage)
*1 All other specifications are the same as those of standard type (12V coil voltage)
Type
12V coil voltage
24V coil voltage
Arrangement
1 Form A
1 Form C
1 Form A
1 Form C
Rating
Nominal switching
capacity
35 A 14V DC
N.O.: 35 A 14 V DC
N.C.: 30 A 14 V DC
20 A 28 V DC
N.O.: 20 A 28 V DC
N.C.: 10 A 28 V DC
Max. switching current
(at 85
°C 185°F)
35 A 14 V DC
N.O.: 35 A 14 V DC
N.C.: 30 A 14 V DC
20 A 28V DC
N.O.: 20 A 28 V DC
N.C.: 10 A 28 V DC
Coil
Arrangement
Coil voltage
Nominal operating power
1 Form A,
1 Form C
12V DC
1.4W
24V DC
1.8W
High contact capacity
12V DC
1.8W


Số phần tương tự - CB1AF-T-D-24V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
CB1AF-T-DM12V NAIS-CB1AF-T-DM12V Datasheet
118Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY CB-RELAYS
CB1AF-T-DM24V NAIS-CB1AF-T-DM24V Datasheet
118Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY CB-RELAYS
CB1AF-T-DP12V NAIS-CB1AF-T-DP12V Datasheet
118Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY CB-RELAYS
CB1AF-T-DP24V NAIS-CB1AF-T-DP24V Datasheet
118Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY CB-RELAYS
More results

Mô tả tương tự - CB1AF-T-D-24V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyou Corporation Limi...
SARF SANYOU-SARF Datasheet
230Kb / 4P
   High Power Automotive Relay
logo
Nais(Matsushita Electri...
CB1A-P-12V NAIS-CB1A-P-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARE SANYOU-SARE Datasheet
275Kb / 3P
   High Power Automotive Relay
SARH SANYOU-SARH Datasheet
236Kb / 3P
   High Power Automotive Relay
SARB SANYOU-SARB Datasheet
187Kb / 3P
   High Power Automotive Relay
logo
OEN India Limited
3572-1A-06-P-01 OENINDIA-3572-1A-06-P-01 Datasheet
117Kb / 3P
   AUTOMOTIVE POWER RELAY
740-12-1C-1SCNIL OENINDIA-740-12-1C-1SCNIL Datasheet
129Kb / 3P
   AUTOMOTIVE POWER RELAY
OEN79 OENINDIA-OEN79 Datasheet
492Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN78 OENINDIA-OEN78 Datasheet
399Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN61A OENINDIA-OEN61A Datasheet
369Kb / 2P
   AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com