công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST380CH06C1LPBF bảng dữ liệu(PDF) 6 Page - International Rectifier |
|
ST380CH06C1LPBF bảng dữ liệu(HTML) 6 Page - International Rectifier |
6 / 8 page ST380CHPbF Series Bulletin I25227 09/06 6 www.irf.com Fig. 3 - Current Ratings Characteristics Fig. 4 - Current Ratings Characteristics Fig. 5- On-state Power Loss Characteristics Fig. 6- On-state Power Loss Characteristics Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled 20 30 40 50 60 70 80 90 100 110 120 130 140 150 0 500 1000 1500 2000 2500 DC 30° 60° 90° 120° 180° Average On-state Current (A) Cond uc tion Period ST380CH..C Series (Double Side Cooled) R (DC) = 0.04 K/ W thJ-hs 20 30 40 50 60 70 80 90 100 110 120 130 140 150 0 400 800 1200 1600 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Angle ST380CH..C Series (Double Sid e Cooled) R (DC) = 0.04 K/ W thJ-hs 0 500 1000 1500 2000 2500 0 400 800 1200 1600 180° 120° 90° 60° 30° RMSLimit Cond uction Angle Average On-state Current (A) ST380CH..C Series T = 150°C J 0 500 1000 1500 2000 2500 3000 3500 0 500 1000 1500 2000 2500 DC 180° 120° 90° 60° 30° RMSLimit Cond uc tion Period Average On-state Current (A) ST380CH..C Series T = 150°C J 5000 6000 7000 8000 9000 10000 11000 12000 110 100 Number Of Equal Amplitude Half Cycle Current Pulses (N) ST380CH..C Series Initial T = 150°C @60 Hz 0.0083 s @50 Hz 0.0100 s J At Any Rated Load Condition And With Rated V Applied Following Surge. RRM 5000 6000 7000 8000 9000 10000 11000 12000 13000 0.01 0.1 1 Pulse Train Duration (s) VersusPulse Train Duration. Control Initial T = 150°C No Voltage Reapplied Rated V Reapplied RRM J ST380CH..C Series Maximum Non Repetitive Surge Current Of Conduc tion May Not Be Maintained. |
Số phần tương tự - ST380CH06C1LPBF |
|
Mô tả tương tự - ST380CH06C1LPBF |