công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145010 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MC145010 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 12 page Sensors Freescale Semiconductor 11 MC145010 CASE 648-08 ISSUE R 16-LEAD PLASTIC DIP NOTES: 1. 2. 3. 4. 5. 6. DIMENSIONS ARE IN MILLIMETERS. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. DATUMS A AND B TO BE DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. THIS DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURRS. MOLD FLASH, PROTRUSTION OR GATE BURRS SHALL NOT EXCEED 0.15mm PER SIDE. THIS DIMENSION IS DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. THIS DIMENSION DOES NOT INCLUDE INTER-LEAD FLASH OR PROTRUSIONS. INTER-LEAD FLASH AND PROTRUSIONS SHALL NOT EXCEED 0.25mm PER SIDE. THIS DIMENSION IS DETERMINED AT THE PLANE WHERE THE BOTTOM OF THE LEADS EXIT THE PLASTIC BODY. THIS DIMENSION DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.62mm. SEATING PLANE 0.49 16X B M 0.25 A T 0.35 2.65 2.35 0.25 0.10 6 T 16X 0.1 T 1.27 14X 89 1 16 8X 10.55 10.05 M 0.25 B 4 10.45 10.15 A 7.6 7.4 B PIN 1 INDEX PIN'S NUMBER 5 A A 0.75 X45˚ 0.25 7˚ 1.0 0.4 0˚ 0.32 0.23 SECTION A-A CASE 751G-04 ISSUE D 16-LEAD SOIC NOTES: 1. 2. 3. 4. 5. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. DIMENSION B DOES NOT INCLUDE MOLD FLASH. ROUNDED CORNERS OPTIONAL. -A- B F C S H G D 16 PL J L M SEATING PLANE 18 9 16 K -T- M A M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.770 18.80 19.55 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.021 0.39 0.53 F 0.040 0.70 1.02 1.77 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.008 0.015 0.21 0.38 K 0.110 0.130 2.80 3.30 L 0.295 0.305 7.50 7.74 M 010 0 10 S 0.020 0.040 0.51 1.01 STYLE 1: PIN 1. CATHODE 2. CATHODE 3. CATHODE 4. CATHODE 5. CATHODE 6. CATHODE 7. CATHODE 8. CATHODE 9. ANODE 10. ANODE 11. ANODE 12. ANODE 13. ANODE 14. ANODE 15. ANODE 16. ANODE STYLE 2: PIN 1. COMMON DRAIN 2. COMMON DRAIN 3. COMMON DRAIN 4. COMMON DRAIN 5. COMMON DRAIN 6. COMMON DRAIN 7. COMMON DRAIN 8. COMMON DRAIN 9. GATE 10. SOURCE 11. GATE 12. SOURCE 13. GATE 14. SOURCE 15. GATE 16. SOURCE PACKAGE DIMENSIONS |
Số phần tương tự - MC145010 |
|
Mô tả tương tự - MC145010 |