công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14511B bảng dữ liệu(PDF) 3 Page - Motorola, Inc |
|
MC14511B bảng dữ liệu(HTML) 3 Page - Motorola, Inc |
3 / 9 page MOTOROLA CMOS LOGIC DATA 363 MC14511B SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C) Characteristic Symbol VDD Vdc Min Typ Max Unit Output Rise Time tTLH = (0.40 ns/pF) CL + 20 ns tTLH = (0.25 ns/pF) CL + 17.5 ns tTLH = (0.20 ns/pF) CL + 15 ns tTLH 5.0 10 15 — — — 40 30 25 80 60 50 ns Output Fall Time tTHL = (1.5 ns/pF) CL + 50 ns tTHL = (0.75 ns/pF) CL + 37.5 ns tTHL = (0.55 ns/pF) CL + 37.5 ns tTHL 5.0 10 15 — — — 125 75 65 250 150 130 ns Data Propagation Delay Time tPLH = (0.40 ns/pF) CL + 620 ns tPLH = (0.25 ns/pF) CL + 237.5 ns tPLH = (0.20 ns/pF) CL + 165 ns tPLH 5.0 10 15 — — — 640 250 175 1280 500 350 ns tPHL = (1.3 ns/pF) CL + 655 ns tPHL = (0.60 ns/pF) CL + 260 ns tPHL = (0.35 ns/pF) CL + 182.5 ns tPHL 5.0 10 15 — — — 720 290 200 1440 580 400 Blank Propagation Delay Time tPLH = (0.30 ns/pF) CL + 585 ns tPLH = (0.25 ns/pF) CL + 187.5 ns tPLH = (0.15 ns/pF) CL + 142.5 ns tPLH 5.0 I0 15 — — — 600 200 150 750 300 220 ns tPHL = (0.85 ns/pF) CL + 442.5 ns tPHL = (0.45 ns/pF) CL + 177.5 ns tPHL = (0.35 ns/pF) CL + 142.5 ns tPHL 5.0 10 15 — — — 485 200 160 970 400 320 Lamp Test Propagation Delay Time tPLH = (0.45 ns/pF) CL + 290.5 ns tPLH = (0.25 ns/pF) CL + 112.5 ns tPLH = (0.20 ns/pF) CL + 80 ns tPLH 5.0 10 15 — — — 313 125 90 625 250 180 ns tPHL = (1.3 ns/pF) CL + 248 ns tPHL = (0.45 ns/pF) CL + 102.5 ns tPHL = (0.35 ns/pF) CL + 72.5 ns tPHL 5.0 10 15 — — — 313 125 90 625 250 180 Setup Time tsu 5.0 10 15 100 40 30 — — — — — — ns Hold Time th 5.0 10 15 60 40 30 — — — — — — ns Latch Enable Pulse Width tWL 5.0 10 15 520 220 130 260 110 65 — — — ns * The formulas given are for the typical characteristics only. This device contains protection circuitry to protect the inputs against damage due to high static voltages or electric fields; how- ever, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. A destructive high current mode may occur if Vin and Vout are not constrained to the range VSS ≤ (Vin or Vout) ≤ VDD. Due to the sourcing capability of this circuit, damage can occur to the device if VDD is applied, and the outputs are shorted to VSS and are at a logical 1 (See Maximum Ratings). Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). |
Số phần tương tự - MC14511B |
|
Mô tả tương tự - MC14511B |