công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145202 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC145202
Giải thích chi tiết về linh kiện  Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC145202 Datasheet HTML 1Page - Motorola, Inc MC145202 Datasheet HTML 2Page - Motorola, Inc MC145202 Datasheet HTML 3Page - Motorola, Inc MC145202 Datasheet HTML 4Page - Motorola, Inc MC145202 Datasheet HTML 5Page - Motorola, Inc MC145202 Datasheet HTML 6Page - Motorola, Inc MC145202 Datasheet HTML 7Page - Motorola, Inc MC145202 Datasheet HTML 8Page - Motorola, Inc MC145202 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MC145202
MOTOROLA
1
Low-Voltage 2.0 GHz
PLL Frequency Synthesizer
Includes On–Board 64/65 Prescaler
The MC145202 is a low–voltage single–package synthesizer with serial
interface capable of direct usage up to 2.0 GHz.
The counters are programmed via a synchronous serial port which is SPI
compatible. The serial port is byte-oriented to facilitate control via an MCU. Due
to the innovative BitGrabber Plus
™ registers, the MC145202 may be cascaded
with other peripherals featuring BitGrabber Plus without requiring leading
dummy bits or address bits in the serial data stream. In addition, BitGrabber
Plus peripherals may be cascaded with existing BitGrabber
™ peripherals.
The device features a single–ended current source/sink phase detector A
output and a double–ended phase detector B output. Both phase detectors
have linear transfer functions (no dead zones). The maximum current of the
single–ended phase detector output is determined by an external resistor tied
from the Rx pin to ground. This current can be varied via the serial port.
Slew–rate control is provided by a special driver designed for the REFout pin.
This minimizes interference caused by REFout.
This part includes a differential RF input that may be operated in a
single–ended mode. Also featured are on–board support of an external crystal
and a programmable reference output. The R, A, and N counters are fully
programmable. The C register (configuration register) allows the part to be
configured to meet various applications. A patented feature allows the C
register to shut off unused outputs, thereby minimizing system noise and
interference.
In order to have consistent lock times and prevent erroneous data from being
loaded into the counters, on–board circuitry synchronizes the update of the A
register if the A or N counters are loading. Similarly, an update of the R register
is synchronized if the R counter is loading.
The double–buffered R register allows new divide ratios to be presented to
the three counters (R, A, and N) simultaneously.
• Maximum Operating Frequency: 2000 MHz @ – 10 dBm
• Operating Supply Current: 4 mA Nominal at 3.0 V
• Operating Supply Voltage Range (VDD and VCC Pins): 2.7 to 5.5 V
• Operating Supply Voltage Range of Phase Detectors (VPD Pin): 2.7 to 5.5 V
• Current Source/Sink Phase Detector Output Capability: 1.7 mA @ 5.0 V
1.0 mA @ 3.0 V
• Gain of Current Source/Sink Phase/Frequency Detector Controllable via
Serial Port
• Operating Temperature Range: – 40 to + 85°C
• R Counter Division Range: 1 and 5 to 8191
• Dual–Modulus Capability Provides Total Division up to 262,143
• High–Speed Serial Interface: 4 Mbps
• OUTPUT A Pin, When Configured as Data Out, Permits Cascading of Devices
• Two General–Purpose Digital Outputs — OUTPUT A: Totem–Pole (Push–Pull)
with Four Output Modes
OUTPUT B: Open–Drain
• Patented Power–Saving Standby Feature with Orderly Recovery for
Minimizing Lock Times, Standby Current: 30
µA
• Evaluation Kit Available (Part Number MC145202EVK)
• See Application Note AN1253/D for Low–Pass Filter Design, and
AN1277/D for Offset Reference PLLs for Fine Resolution or Fast Hopping
BitGrabber and BitGrabber Plus are trademarks of Motorola, Inc.
Order this document
by MC145202/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145202
F SUFFIX
SOG PACKAGE
CASE 751J
DT SUFFIX
TSSOP
CASE 948D
ORDERING INFORMATION
MC145202F
SOG Package
MC145202DT
TSSOP
fin
TEST 2
OUTPUT B
OUTPUT A
CLK
12
13
14
15
16
11
10
Din
REFin
VCC
ENB
8
7
6
5
4
3
2
1
TEST 1
Rx
GND
PDout
φV
φR
LD
REFout
9
18
19
20
17
VPD
fin
VDD
20
1
20
1
© Motorola, Inc. 1998
REV 3
1/98
TN98012300


Số phần tương tự - MC145202

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145202EVK MOTOROLA-MC145202EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
More results

Mô tả tương tự - MC145202

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E05SR FUJITSU-MB15E05SR Datasheet
211Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.0 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15U36 FUJITSU-MB15U36 Datasheet
270Kb / 23P
   Dual PLL Frequency Synthesizer with On-Chip Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24