công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13028A bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC13028A
Giải thích chi tiết về linh kiện  C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13028A bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC13028A Datasheet HTML 2Page - Motorola, Inc MC13028A Datasheet HTML 3Page - Motorola, Inc MC13028A Datasheet HTML 4Page - Motorola, Inc MC13028A Datasheet HTML 5Page - Motorola, Inc MC13028A Datasheet HTML 6Page - Motorola, Inc MC13028A Datasheet HTML 7Page - Motorola, Inc MC13028A Datasheet HTML 8Page - Motorola, Inc MC13028A Datasheet HTML 9Page - Motorola, Inc MC13028A Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC13028A
6
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Description/External Circuit Requirements
Internal Equivalent Circuit
Symbol
Pin
14
LOOPFilter
10 k
VCC
390
Fast
Lock
Low
VCC
14
VCC
Fast
Lock
High
Idrive
Idrive
Loop Filter
A capacitor which forms the loop filter is connected
from Pin 14 to ground. The recommended value is
47
µF in series with 47 Ω. This capacitor should be of
good construction quality so it will have a very low
specification for leakage current in order to prevent
stereo distortion. The 47
Ω resistor in series with the
capacitor controls the PLL corner frequency
response, keeping the response shape critically
damped and not peaked up. The dc level at Pin 14 is
approximately 0.6 Vdc in the locked condition.
15
LEFTout
VCC
15
VCC
1.0 k
Left Channel Audio Output
This is the left channel audio output pin from which
the IC can provide 1.3
µApp drive current for each
percent of mono modulation. A resistor to ground
sets the level of the audio output.
For example,
100% (mono mod) x 1.3
µApp (IC
drive per % mod) = 130
µApp flowing through the
load resistor. (For a 2.2 k load, 286 mVpp is then
the output signal voltage.) When dealing with
stereo signals, multiply the mod level by 2; i.e.
50%
(left only mod) x 2 (stereo factor) x 1.3
µApp (IC
drive per % mod) = 130
µApp flowing through the
load resistor.
16
RIGHTout
VCC
16
VCC
1.0 k
Right Channel Audio Output
This is the right channel audio output pin. A resistor
to ground sets the level of the audio output. See the
explanation under the Left Channel Audio Output
description above.


Số phần tương tự - MC13028A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022AP MOTOROLA-MC13022AP Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13027 MOTOROLA-MC13027 Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
More results

Mô tả tương tự - MC13028A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TA8120P TOSHIBA-TA8120P Datasheet
1Mb / 16P
   C-QUAM AM STEREO DECODER
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
TOKO, Inc
TK14552V TOKO-TK14552V Datasheet
263Kb / 2P
   Wide band AM / ASK IF IC for ETC
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com