công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC141803T bảng dữ liệu(PDF) 11 Page - Motorola, Inc |
|
MC141803T bảng dữ liệu(HTML) 11 Page - Motorola, Inc |
11 / 24 page MC141803 3–323 MOTOROLA OPERATION OF LIQUID CRYSTAL DISPLAY DRIVER Description of Block Diagram Module Command Decoder and Command Interface This module determines whether the input data is interpreted as data or command. Data is directed to this module based upon the input of the D/C pin. If D/C high, data is written to Graphic Display Data RAM (GDDRAM). D/C low indicates that the input at D0-D7 is interpreted as a Command. CE is the master chip selection signal. A High input enable the input lines ready to sample signals. Reset is of same function as Power ON Reset (POR). Once RES received the reset pulse, all internal circuitry will back to its initial status. Refer to Command Description section for more information. MPU Parallel Interface The parallel interface consists of 8 bi-directional data lines (D0- D7), R/W, and the CS. The R/W input High indicates a read opera- tion from the Graphic Display Data RAM (GDDRAM). R/W input Low indicates a write to Display Data RAM or Internal Command Regis- ters depending on the status of D/C input. The CS input serves as data latch signal (clock). Refer to AC operation conditions and char- acteristics section for Parallel Interface Timing Description. Graphic Display Data RAM (GDDRAM) The GDDRAM is a bit mapped static RAM holding the bit pattern to be displayed. The size of the RAM is determined by number of row times the number of column (120x33 = 3960 bits). Figure 5 is a description of the GDDRAM address map. For mechanical flexibility, re-mapping on both Segment and Common outputs are provided. Figure 5. Graphic Display Data RAM (GDDRAM) Address Map Column address 00H (or column address 77H) Column address 77H (or column address 00H) Page 1 Page 2 Page 3 Page 4 LSB MSB LSB MSB LSB MSB LSB MSB Com0 (Com31) Com31 (Com0) Row 0 Row 31 Note : The configuration in parentheses represents the remapping of Row and Columns LSB Row 32 Com32 Page 5 |
Số phần tương tự - MC141803T |
|
Mô tả tương tự - MC141803T |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |