công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141803T bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC141803T
Giải thích chi tiết về linh kiện  LCD Segment / Common Driver with Controller CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141803T bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC141803T Datasheet HTML 6Page - Motorola, Inc MC141803T Datasheet HTML 7Page - Motorola, Inc MC141803T Datasheet HTML 8Page - Motorola, Inc MC141803T Datasheet HTML 9Page - Motorola, Inc MC141803T Datasheet HTML 10Page - Motorola, Inc MC141803T Datasheet HTML 11Page - Motorola, Inc MC141803T Datasheet HTML 12Page - Motorola, Inc MC141803T Datasheet HTML 13Page - Motorola, Inc MC141803T Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MOTOROLA
3–322
MC141803
D/C (Data / Command)
This input pin let the driver distinguish the input at D0-D7 is data or
command. Input High for data while input Low for command.
CS (CLK) (Chip Select / Input Clock)
This pin is normal Low clock input. Data on D0-D7 is latched at the
falling edge of CS.
RES (Reset)
An active Low pulse to this pin reset the internal status of the
driver (same as power on reset). The minimum pulse width is 10
µs.
CE (Chip Enable)
HIGH input to this pin to enable the control pins on the driver.
D0-D7
This bi-directional bus is used for data / command transferring.
R/W (Read/Write)
This is an input pin. To read the display data RAM or the internal
status (Busy / Idle), pull this pin High. The R/W input Low indicates a
write operation to the display data RAM or to the internal setup regis-
ters.
OSC1 (Oscillator Input)
For internal oscillator mode, this is an input for the internal low
power RC oscillator circuit. In this mode, an external resistor of cer-
tain value is placed between the OSC1 and OSC2 pins for a range of
internal operating frequencies (refer to Figure 1). For external oscilla-
tor mode, OSC1 should be left open.
OSC2 (Oscillator Output / External Oscillator Input)
This is an output for the internal low power RC oscillator circuit.
For external oscillator mode, OSC2 will be an input pin for external
clock and no external resistor is needed.
VLL6 - VLL2
Group of voltage level pins for driving the LCD panel. They can
either be connected to external driving circuit for external bias supply
or connected internally to built-in divider circuit. For internal Voltage
Divider enabled, a 0.1
µF capacitor to AV
SS is required on each pin.
DUM1 and DUM2
If internal Voltage Divider is enabled with 1/7 bias selected, a
capacitor to AVSS is required on each pin. Otherwise, pull these two
pin to AVSS
C1N and C1P
If Internal DC/DC Converter is enabled, a capacitor is required to
connect these two pins.
C2N and C2P
If internal Tripler is enabled, a capacitor is required between these
two pins. Otherwise, leave these pin open.
C+ and C-
If internal divider circuit is enabled, a capacitor is required to con-
nect between these two pins.
VR and VF
This is a feedback path for the gain control (external contrast con-
trol) of VLL1 to VLL6. For adjusting the LCD driving voltage, it
requires a feedback resistor placed between VR and VF, a gain con-
trol resistor placed between VF and AVSS, a 10
µF capacitor placed
between VR and AVSS. (Refer to the Application Circuit)
COM0-COM32 (Row Drivers)
These pins provide the row driving signal to LCD panel. Com0-
Com31 are used in 32 mux configuration. Com0-Com15 are used in
16 mux and no row remap configuration while Com16-Com31 are
used in 16 mux with row remap configuration. Com32 is used to drive
the non-static icons in 33 Mux. They output 0V during display off.
(Note : The IC facilitates two Com32 pins, which output same signal,
for the LCD panel layout flexibility.)
SEG0-SEG119 (Column Drivers)
These 120 pins provide LCD column driving signal to LCD panel.
They output 0V during display off.
BP (Annunciator Backplane)
This pin combines with Annun0-Annun3 pins to form annunciator
driving part. When the annunciator circuit is enabled, it will output
square wave of FANNn Hz. It outputs low when oscillator is disabled.
Annun0 - Annun3 (Annunciator Frontplanes)
These pins are four independent annunciator driving outputs. The
enabled annunciator outputs from its corresponding pin a FANNn Hz
square wave which is 180 degrees out of phase with BP. Disabled
annunciator output from its corresponding pin an square wave in-
phase with BP. When oscillator is disabled, all these pins output 0V.
AVDD and AVSS
AVDD is the positive supply to the noise sensitive circuitry in LCD
Driver and should be at same level as DVDD. AVSS is ground.
VCC
For using the Internal DC/DC Converter, a 0.1
µF capacitor from
this pin to AVSS is required. It can also be an external bias input pin
if Internal DC/DC Converter is not used. Positive power is supplied to
the LCD Driving Level Selector and HV Buffer Cell with this pin. Nor-
mally, this pin is not intended to be a power supply to other compo-
nent.
DVDD and DVSS
Power is supplied to the digital control circuit and other circuitry in
LCD bias Voltage Generator of the driver using these two pins.
DVDD is power and DVSS is ground.
PIN DESCRIPTIONS


Số phần tương tự - MC141803T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
   LCD Segment / Common Driver with Controller
More results

Mô tả tương tự - MC141803T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com