công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV130 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện MTV130
Giải thích chi tiết về linh kiện  On-Screen Display for LCD Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

MTV130 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MTV130 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Revision 1.0
8/18
28/April/2000
MTV130
MYSON
TECHNOLOGY
BLINK - Enable blinking effect while this bit is set to " 1 ". And the blinking is alternate per 32 vertical frames.
R, G, B - These three bits are used to specify its relative address character color.
3.6 Character ROM
MTV130 character ROM contains 512 built-in characters and symbols including 496 standard fonts and 16
multi-color fonts. The 496 standard fonts are located from address 0 to 495. And the 16 multi-color fonts are
located from address 496 to 511. Each character and symbol consists of 12x18 dots matrix. The detail pattern
structures for each character and symbols are shown in “CHARACTERS AND SYMBOLS PATTERN” on
page 18.
3.7 Multi-Color Font
The color fonts comprises three different R, G, B fonts. When the code of color font is accessed, the separate
R/G/B dot pattern is output to corresponding R/G/B output. See Figure 6 for the sample displayed color font.
Note: No black color can defined in color font, black window underline the color font can make the dots
become black in color. The detail pattern structures for each character and symbols are shown in “CHARAC-
TERS AND SYMBOLS PATTERN” on page 18.
TABLE 4. The Multi-Color Font Color Selection
3.8 Luminance & border generator
There are 3 shift registers included in the design which can shift out of luminance and border dots to color
encoder. The bordering and shadowing feature is configured in this block. For bordering effect, the character
will be enveloped with blackedge on four sides. For shadowing effect, the character is enveloped with
blackedge for right and bottom sides only.
R
G
B
Background Color
0
0
0
Blue
0
0
1
Green
0
1
0
Cyan
0
1
1
Red
1
0
0
Magent
1
0
1
Yellow
1
1
0
White
1
1
1
R
G
B
Magent
Green
Cyan
Blue
FIGURE 6. Example of Multi-Color Font


Số phần tương tự - MTV130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
MTV1-16PAL5701 ITT-MTV1-16PAL5701 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5702 ITT-MTV1-16PAL5702 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5703 ITT-MTV1-16PAL5703 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5704 ITT-MTV1-16PAL5704 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL6101 ITT-MTV1-16PAL6101 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
More results

Mô tả tương tự - MTV130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com