công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS12A4517DRG4 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
TS12A4517DRG4 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 11 page www.ti.com Electrical Characteristics for ±5-V Supply(1) TS12A4516,, TS12A4517 DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES SCDS236 – DECEMBER 2006 V + = 4.5 V to 5.5 V, V– = –4.5 V to –5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA MIN TYP(2) MAX UNIT Analog Switch Analog signal range VCOM, VNO, VNC V– V+ V V+ = 4.5 V, V– = –4.5 V, 25 °C 12 20 ON-state resistance ron VCOM = 3.5 V, Ω Full 25 ICOM = 20 mA V+ = 4.5 V, V– = –4.5 V, 25 °C 1.2 2.5 ON-state resistance ron(flat) VCOM = –3.5 V, 0 V, 3.5 V, Ω flatness Full 3 ICOM = 20 mA V+ = 5.5 V, V– = –5.5 V, 25 °C 5 NO, NC INO(OFF), VCOM = 4.5 V, nA OFF leakage current(3) INC(OFF) Full 10 VNO or VNC = –4.5 V V+ = 5.5 V, V– = –5.5 V, 25 °C 5 COM ICOM(OFF) VCOM = –4.5 V, nA OFF leakage current(3) Full 10 VNO or VNC = 4.5 V V+ = 5.5 V, V– = –5.5 V, 25 °C 5 COM ICOM(ON) VCOM = 5.5 V, nA ON leakage current(3) Full 10 VNO or VNC = open Digital Control Input (IN) Input logic high VIH Full 2.5 V Input logic low VIL Full 1.8 V Input leakage current IIH, IIL VIN = V+, 0 V Full 0.010 µA Dynamic 25 °C 58 75 Turn-on time tON See Figure 2 ns Full 85 25 °C 28 45 Turn-off time tOFF See Figure 2 ns Full 50 CL = 1 nF, VNO = 0 V, Charge injection(4) QC 25 °C –13 pC RS = 0 Ω, See Figure 1 NO, NC CNO(OFF), f = 1 MHz, See Figure 4 25 °C 5.5 pF OFF capacitance CNC(OFF) COM CCOM(OFF) f = 1 MHz, See Figure 4 25 °C 5.5 pF OFF capacitance COM CCOM(ON) f = 1 MHz, See Figure 4 25 °C 16 pF ON capacitance Digital input capacitance CI VIN = V+, 0 V 25 °C 1.5 pF RL = 50 Ω, CL = 15 pF, Bandwidth BW 25 °C 464 MHz VNO = 1 VRMS, f = 100 kHz RL = 50 Ω, CL = 15 pF, OFF isolation OISO 25 °C –83 dB VNO = 1 VRMS, f = 1 MHz RL = 600 Ω, CL = 15 pF, Total harmonic distortion THD 25 °C 0.07 % VNO = 1 VRMS, f = 20 kHz Supply 25 °C 70 V+ supply current I+ VIN = 0 V or V+ µA Full 80 25 °C –70 V– supply current I– VIN = 0 V or V+ µA Full –80 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. (2) Typical values are at TA = 25°C. (3) Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are ensured by correlation at 25 °C. (4) Specified by design, not production tested 3 Submit Documentation Feedback |
Số phần tương tự - TS12A4517DRG4 |
|
Mô tả tương tự - TS12A4517DRG4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |